Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSUP15H100H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSUP15H100H Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSUP15H100H
Download  TSUP15H100H Download
File Size   229.26 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 15A, 100V Trench Schottky Surface Mount Rectifier

TSUP15H100H Datasheet (PDF)

Go To PDF Page Download Datasheet
TSUP15H100H Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSUP15H100H
Download  TSUP15H100H Click to download

File Size   229.26 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 15A, 100V Trench Schottky Surface Mount Rectifier

TSUP15H100H Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSUP15H100H Product details

FEATURES
AEC-Q101 qualified
Trench Schottky technology
Low power loss, high efficiency
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free
APPLICATIONS
Switching mode power supply (SMPS)
Adapters
Lighting application
On-board DC/DC converter
Automotive




Similar Part No. - TSUP15H100H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSUP15H120H TSC-TSUP15H120H Datasheet
228Kb / 6P
15A, 120V Trench Schottky Surface Mount Rectifier
Version: A2403
More results


Similar Description - TSUP15H100H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRB1530CT_ DIODES-MBRB1530CT_ Datasheet
358Kb / 3P
15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 5 - 2
logo
GOOD-ARK Electronics
SGC151BS GOOD-ARK-SGC151BS_15 Datasheet
209Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 15A
logo
Chip Integration Techno...
CP15H45S CITC-CP15H45S Datasheet
78Kb / 3P
15A Surface Mount Trench Schottky Rectifier
CP15L45SG CITC-CP15L45SG Datasheet
578Kb / 3P
15A Surface Mount Trench Schottky Rectifier
CP15L50SG CITC-CP15L50SG Datasheet
760Kb / 3P
15A Surface Mount Trench Schottky Rectifier
CP15L100S CITC-CP15L100S Datasheet
472Kb / 3P
15A Surface Mount Trench Schottky Rectifier
CP15M50SG CITC-CP15M50SG Datasheet
102Kb / 3P
15A Surface Mount Trench Schottky Rectifier
logo
PFC Device Inc.
PT15L100SP PFC-PT15L100SP Datasheet
728Kb / 5P
15A 100V HPTR Schottky Rectifier
PT15V100SP PFC-PT15V100SP Datasheet
729Kb / 5P
15A 100V HPTR Schottky Rectifier
PTS15L100 PFC-PTS15L100 Datasheet
564Kb / 5P
15A 100V HPTR Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com