Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1423970 Datasheet (PDF) - PHOENIX CONTACT

1423970 Datasheet PDF - PHOENIX CONTACT
Part # 1423970
Download  1423970 Download
File Size   385.26 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD P4X2,5 9-14 GY GY - Connector

1423970 Datasheet (PDF)

Go To PDF Page Download Datasheet
1423970 Datasheet PDF - PHOENIX CONTACT

Part # 1423970
Download  1423970 Click to download

File Size   385.26 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD P4X2,5 9-14 GY GY - Connector

1423970 Datasheet (HTML) - PHOENIX CONTACT


1423970 Product details

Connector, product family: QPD, connection method: IDC connection, 1 mm2 ... 2.5 mm2, 690 V,
20 A, PA, gray, with QUICKON nut, coding: Coding profile, external cable diameter: 9 mm ... 14
mm

Your advantages
• Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
• Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
• Safer connection with mechanical coding to protect against mismatching, and touch-proof protection in accordance with DIN EN 0105
• Easy maintenance – the connectors enable fast device replacement and preassembled cables simplify startup




Similar Part No. - 1423970

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1423971 PHOENIX-1423971 Datasheet
112Kb / 7P
H distributor - QPD H3PE2,5 4X6-10 BK
09/11/2020
1423972 PHOENIX-1423972 Datasheet
465Kb / 8P
QPD H3PE2,5 4X9-14 BK - H distributor
1423973 PHOENIX-1423973 Datasheet
486Kb / 8P
QPD H3PE2,5 BK - H distributor
1423974 PHOENIX-1423974 Datasheet
427Kb / 9P
QPD W3PE2,5 6-10 M25 1,0 BK - Panel feed-through
1423975 PHOENIX-1423975 Datasheet
124Kb / 8P
Panel feed-through - QPD W3PE2,5 6-10 M25 0,5 BK
09/11/2020
More results


Similar Description - 1423970

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1582372 PHOENIX-1582372 Datasheet
109Kb / 6P
Connectors - QPD P 4X2,5 6-10 GY
1582400 PHOENIX-1582400 Datasheet
80Kb / 5P
Conductor connectors - QPD C 4X2,5/2X9-14 GY
1582421 PHOENIX-1582421 Datasheet
88Kb / 6P
Conductor connectors - QPD C 4X2,5/1X9-14 GY
1582442 PHOENIX-1582442 Datasheet
54Kb / 4P
Nut - QPD N 2,5 9-14 GY
1582316 PHOENIX-1582316 Datasheet
95Kb / 7P
Panel feed-through - QPD W 4X2,5 9-14 M25 FC GY
1582323 PHOENIX-1582323 Datasheet
95Kb / 7P
Panel feed-through - QPD W 4X2,5 9-14 M25 DT GY
1582260 PHOENIX-1582260 Datasheet
106Kb / 6P
Connection distributor - QPD H 4X2,5 GY
1582246 PHOENIX-1582246 Datasheet
109Kb / 7P
Connection distributor - QPD H 4X2,5 9-14 GY
1423996 PHOENIX-1423996 Datasheet
111Kb / 7P
H distributor - QPD H4X2,5 4X9-14 GY
09/11/2020
1424021 PHOENIX-1424021 Datasheet
93Kb / 6P
Conductor connectors - QPD C4X2,5/2X6-10 GY
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com