Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVF4N90MJ Datasheet (PDF) - Silan Microelectronics Joint-stock

SVF4N90MJ Datasheet PDF - Silan Microelectronics Joint-stock
Part # SVF4N90MJ
Download  SVF4N90MJ Download
File Size   294.65 Kbytes
Page   10 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 4A, 900V N-CHANNEL MOSFET

SVF4N90MJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SVF4N90MJ Datasheet PDF - Silan Microelectronics Joint-stock

Part # SVF4N90MJ
Download  SVF4N90MJ Click to download

File Size   294.65 Kbytes
Page   10 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 4A, 900V N-CHANNEL MOSFET

SVF4N90MJ Datasheet (HTML) - Silan Microelectronics Joint-stock


SVF4N90MJ Product details

GENERAL DESCRIPTION
SVF4N90F/MJ/T/D is an N-channel enhancement mode power
MOS field effect transistor which is produced using Silan
proprietary F-CellTM high-voltage planar VDMOS technology. The
improved process and cell structure have been especially tailored
to minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche
and commutation mode.
These devices are widely used in AC-DC power supplies, DC-DC
converters and H-bridge PWM motor drivers.

FEATURES
 4A,900V,RDS(on)(typ.)=2.7@VGS=10V
 Low gate charge
 Low Crss
 Fast switching
 Improved dv/dt capability




Similar Part No. - SVF4N90MJ

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SVF4N90MJ SILAN-SVF4N90MJ Datasheet
294Kb / 10P
4A, 900V N-CHANNEL MOSFET
Rev.:2.2
More results


Similar Description - SVF4N90MJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
900V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM2N90 KERSEMI-KSM2N90 Datasheet
1Mb / 7P
900V N-CHANNEL MOSFET
KSMB2N90 KERSEMI-KSMB2N90 Datasheet
1Mb / 8P
900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N90Z SEMIHOW-HFH10N90Z Datasheet
250Kb / 10P
900V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR2N90BPG FOSTER-FIR2N90BPG Datasheet
3Mb / 9P
900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
900V N-Channel MOSFET
SLW9N90C MAPLESMI-SLW9N90C Datasheet
173Kb / 6P
900V N-Channel MOSFET
logo
Shindengen Electric Mfg...
P4F90VX3 SHINDENGEN-P4F90VX3 Datasheet
1Mb / 8P
Power MOSFETs 900V, 4A, N-channel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com