Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVF8N80F Datasheet (PDF) - Silan Microelectronics Joint-stock

SVF8N80F Datasheet PDF - Silan Microelectronics Joint-stock
Part # SVF8N80F
Download  SVF8N80F Download
File Size   278.31 Kbytes
Page   10 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 8A, 800V N-CHANNEL MOSFET

SVF8N80F Datasheet (PDF)

Go To PDF Page Download Datasheet
SVF8N80F Datasheet PDF - Silan Microelectronics Joint-stock

Part # SVF8N80F
Download  SVF8N80F Click to download

File Size   278.31 Kbytes
Page   10 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 8A, 800V N-CHANNEL MOSFET

SVF8N80F Datasheet (HTML) - Silan Microelectronics Joint-stock


SVF8N80F Product details

GENERAL DESCRIPTION
SVF8N80T/F/K is an N-channel enhancement mode power MOS
field effect transistor which is produced using Silan proprietary
F-CellTM structure VDMOS technology. The improved planar stripe
cell and the improved guard ring terminal have been especially
tailored to minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche and
commutation mode.
These devices are widely used in AC-DC power suppliers, DC-DC
converters and H-bridge PWM motor drivers

FEATURES
 8A,800V,RDS(on)(typ.)=1.42@VGS=10V
 Low gate charge
 Low Crss
 Fast switching
 Improved dv/dt capability




Similar Part No. - SVF8N80F

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SVF8N80F SILAN-SVF8N80F Datasheet
278Kb / 10P
8A, 800V N-CHANNEL MOSFET
Rev.:2.1
SVF8N80F SILAN-SVF8N80F Datasheet
278Kb / 10P
8A, 800V N-CHANNEL MOSFET
Rev.:2.1
More results


Similar Description - SVF8N80F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
800V N-Channel MOSFET
logo
Rohm
R8008ANJ ROHM-R8008ANJ Datasheet
951Kb / 14P
Nch 800V 8A Power MOSFET
logo
Shenzhen Meipusen Semic...
SLD80R380SJ MAPLESMI-SLD80R380SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
SLD80R850SJ MAPLESMI-SLD80R850SJ Datasheet
620Kb / 7P
800V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR12N80ANG FOSTER-FIR12N80ANG Datasheet
2Mb / 8P
800V N-Channel MOSFET
logo
Jiangsu Donghai Semicon...
8N80 WXDH-8N80 Datasheet
780Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
E8N80 WXDH-E8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
F8N80 WXDH-F8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
I8N80 WXDH-I8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
logo
Rohm
R8008ANJFRG ROHM-R8008ANJFRG Datasheet
1Mb / 14P
Nch 800V 8A Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com