Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHRS440 Datasheet (PDF) - Aceinna Inc.

AHRS440 Datasheet PDF - Aceinna Inc.
Part # AHRS440
Download  AHRS440 Download
File Size   355.48 Kbytes
Page   2 Pages
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.
Description MEMS-BASED AHRS SYSTEM

AHRS440 Datasheet (PDF)

Go To PDF Page Download Datasheet
AHRS440 Datasheet PDF - Aceinna Inc.

Part # AHRS440
Download  AHRS440 Click to download

File Size   355.48 Kbytes
Page   2 Pages
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.
Description MEMS-BASED AHRS SYSTEM

AHRS440 Datasheet (HTML) - Aceinna Inc.


AHRS440 Product details

Features
Roll, Pitch, Heading and 9DOF
Inertial Outputs
Accuracy < 0.2 deg
Output Data Rate > 100 Hz
High-Range Sensor Options
(400 deg/sec and 10g)
GPS Aiding Input
Low Power < 3W
High Reliability, MTBF > 25,000 hours
Analog Output Option
Rugged Sealed Enclosure

Applications
Unmanned Vehicle Control
Land Vehicle Guidance
Avionics Systems
Platform Stabilization




Similar Part No. - AHRS440

ManufacturerPart #DatasheetDescription
logo
LEM
AHR-B10 LEM-AHR-B10 Datasheet
845Kb / 3P
AC/DC Current transducer
AHR-B420 LEM-AHR-B420 Datasheet
361Kb / 3P
AC/DC Current transducer
AHR-B5 LEM-AHR-B5 Datasheet
844Kb / 3P
AC/DC Current transducer
logo
List of Unclassifed Man...
AHR1000 ETC1-AHR1000 Datasheet
86Kb / 2P
PolySwitch PTC Devices Resettable Fuse
logo
Tyco Electronics
AHR1000 MACOM-AHR1000 Datasheet
87Kb / 2P
PolySwitch짰PTC Devices Resettable Fuse
More results


Similar Description - AHRS440

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI012V1 STMICROELECTRONICS-STEVAL-MKI012V1 Datasheet
114Kb / 4P
MEMS analog output evaluation board based on LIS3L06AL
16-Oct-2007
logo
Vectron International, ...
VM-702 VECTRON-VM-702 Datasheet
282Kb / 8P
MEMS based HCSL, LVDS, LVPECL Oscillator
VM-802 VECTRON-VM-802 Datasheet
284Kb / 8P
MEMS based HCSL, LVDS, LVPECL Oscillator
VM-822 VECTRON-VM-822 Datasheet
289Kb / 8P
MEMS based HCSL, LVDS, LVPECL Oscillator
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
logo
Coto Technology
RR100 COTO-RR100 Datasheet
1Mb / 8P
REDROCK MEMS-BASED REED SENSOR
logo
STMicroelectronics
STEVAL-MKI139V3 STMICROELECTRONICS-STEVAL-MKI139V3 Datasheet
246Kb / 4P
Microphone coupon board based on the MP23AB02B analog MEMS microphone
February 2015 Rev 1
STEVAL-MIC007V1 STMICROELECTRONICS-STEVAL-MIC007V1 Datasheet
543Kb / 4P
Microphone coupon board based on the IMP23ABSU analog MEMS microphone
Rev 1 - November 2020
logo
SignalQuest, Inc.
SQ-GIX-2094 SIGNALQUEST-SQ-GIX-2094 Datasheet
1Mb / 25P
GRAVITYGYRO??DYNAMIC INCLINOMETER, J1939 Rugged AHRS
logo
Xsens Technologies B.V.
MTI-3-8A7G6-DK XSENS-MTI-3-8A7G6-DK Datasheet
1Mb / 24P
3D AHRS/VRU/IMU module
Revision A, 8 Jul 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com