Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVT085R5NS Datasheet (PDF) - Silan Microelectronics Joint-stock

SVT085R5NS Datasheet PDF - Silan Microelectronics Joint-stock
Part # SVT085R5NS
Download  SVT085R5NS Download
File Size   315.58 Kbytes
Page   8 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 120A, 85V N-CHANNEL MOSFET

SVT085R5NS Datasheet (PDF)

Go To PDF Page Download Datasheet
SVT085R5NS Datasheet PDF - Silan Microelectronics Joint-stock

Part # SVT085R5NS
Download  SVT085R5NS Click to download

File Size   315.58 Kbytes
Page   8 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 120A, 85V N-CHANNEL MOSFET

SVT085R5NS Datasheet (HTML) - Silan Microelectronics Joint-stock


SVT085R5NS Product details

DESCRIPTION
The SVT085R5NT/S/L5 is an N-channel enhancement mode power
MOS field effect transistor which is produced using Silan's LVMOS
technology. The improved process and cell structure have been
especially tailored to minimize on-state resistance, provide superior
switching performance.
This device is widely used in the fields of uninterruptible power
supplies and power management of inverter systems.

FEATURES
 120A,85V,RDS(on)(typ.)=4.5m@VGS=10V
 Low gate charge
 Low Crss
 Fast switching
 Improved dv/dt capability




Similar Part No. - SVT085R5NS

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SVT085R5NS SILAN-SVT085R5NS Datasheet
315Kb / 8P
120A, 85V N-CHANNEL MOSFET
Rev.:1.7
SVT085R5NS SILAN-SVT085R5NS Datasheet
315Kb / 8P
120A, 85V N-CHANNEL MOSFET
Rev.:1.7
SVT085R5NS SILAN-SVT085R5NS Datasheet
315Kb / 8P
120A, 85V N-CHANNEL MOSFET
Rev.:1.7
SVT085R5NSTR SILAN-SVT085R5NSTR Datasheet
315Kb / 8P
120A, 85V N-CHANNEL MOSFET
Rev.:1.7
SVT085R5NSTR SILAN-SVT085R5NSTR Datasheet
315Kb / 8P
120A, 85V N-CHANNEL MOSFET
Rev.:1.7
More results


Similar Description - SVT085R5NS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT120N03 UTC-UT120N03 Datasheet
196Kb / 6P
120A, 30V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP053N08B FAIRCHILD-FDP053N08B Datasheet
1Mb / 9P
N-Channel PowerTrench짰 MOSFET 80V, 120A, 5.3mW
logo
Unisonic Technologies
UTT120N04 UTC-UTT120N04 Datasheet
133Kb / 3P
120A, 40V N-CHANNEL POWER MOSFET
logo
Thinki Semiconductor Co...
CS64N90 THINKISEMI-CS64N90 Datasheet
905Kb / 5P
85V,92A N-Channel Trench Process Power MOSFET
logo
DIYI Electronic Technol...
DMT80N85 DYELEC-DMT80N85 Datasheet
1Mb / 7P
85V N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDE1991 MGCHIP-MDE1991 Datasheet
1,008Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 4.4m(ohm)
MDP06N033 MGCHIP-MDP06N033 Datasheet
997Kb / 6P
Single N-channel Trench MOSFET 60V, 120A, 3.3m(ohm)
MDP1921 MGCHIP-MDP1921 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 4.5m(ohm)
logo
Thinki Semiconductor Co...
CS64N12 THINKISEMI-CS64N12 Datasheet
1Mb / 6P
85V,120A N-Channel Trench Process Power MOSFETs
TSP85H12 THINKISEMI-TSP85H12 Datasheet
2Mb / 6P
85V,120A N-Channel Trench Process Power MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com