Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C106D Datasheet (PDF) - Cypress Semiconductor

CY7C106D Datasheet PDF - Cypress Semiconductor
Part # CY7C106D
Download  CY7C106D Download
File Size   901.65 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (256K x 4) Static RAM

CY7C106D Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C106D Datasheet PDF - Cypress Semiconductor

Part # CY7C106D
Download  CY7C106D Click to download

File Size   901.65 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (256K x 4) Static RAM

CY7C106D Datasheet (HTML) - Cypress Semiconductor


CY7C106D Product details

Functional Description [1]
The CY7C106D and CY7C1006D are high-performance CMOS static RAMs organized as 262,144 words by 4 bits. Easy memory expansion is provided by an active LOW Chip Enable (CE), an active LOW Output Enable (OE), and tri-state drivers. These devices have an automatic power-down feature that reduces power consumption by more than 65% when the devices are deselected.

Features
• Pin- and function-compatible with CY7C106B/CY7C1006B
• High speed
   — tAA = 10 ns
• Low active power
   — ICC = 80 mA @ 10 ns
• Low CMOS standby power
   — ISB2 = 3.0 mA
• 2.0V Data Retention
• Automatic power-down when deselected
• CMOS for optimum speed/power
• TTL-compatible inputs and outputs
• CY7C106D available in Pb-free 28-pin 400-Mil wide Molded SOJ package. CY7C1006D available in Pb-free 28-pin 300-Mil wide Molded SOJ package




Similar Part No. - CY7C106D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
16-Mbit (1M x 16) Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
329Kb / 11P
16-Mbit (1 M 횞 16) Static RAM
CY7C10612DV33-10ZSXI CYPRESS-CY7C10612DV33-10ZSXI Datasheet
424Kb / 10P
16-Mbit (1M x 16) Static RAM
CY7C10612DV33-10ZSXI CYPRESS-CY7C10612DV33-10ZSXI Datasheet
329Kb / 11P
16-Mbit (1 M 횞 16) Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33_11 Datasheet
329Kb / 11P
16-Mbit (1 M 횞 16) Static RAM
More results


Similar Description - CY7C106D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30 Datasheet
619Kb / 12P
4-Mbit (256K x 16) Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33_08 Datasheet
432Kb / 14P
4-Mbit (256K x 16) Static RAM
CY62146ESL CYPRESS-CY62146ESL_08 Datasheet
311Kb / 12P
4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
4-Mbit (256K x 16) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com