Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C107D Datasheet (PDF) - Cypress Semiconductor

CY7C107D Datasheet PDF - Cypress Semiconductor
Part # CY7C107D
Download  CY7C107D Download
File Size   872.13 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (1M x 1) Static RAM

CY7C107D Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C107D Datasheet PDF - Cypress Semiconductor

Part # CY7C107D
Download  CY7C107D Click to download

File Size   872.13 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (1M x 1) Static RAM

CY7C107D Datasheet (HTML) - Cypress Semiconductor


CY7C107D Product details

Functional Description [1]
The CY7C107D and CY7C1007D are high-performance CMOS static RAMs organized as 1,048,576 words by 1 bit. Easy memory expansion is provided by an active LOW Chip Enable (CE) and tri-state drivers. These devices have an automatic power-down feature that reduces power consumption by more than 65% when deselected.

Features
■ Pin- and function-compatible with CY7C107B/CY7C1007B
■ High speed
   — tAA = 10 ns
■ Low active power
   — ICC = 80 mA @ 10 ns
■ Low complementary metal oxide semiconductor (CMOS) standby power
   — ISB2 = 3 mA
■ 2.0 V data retention
■ Automatic power-down when deselected
■ CMOS for optimum speed/power
■ Transistor transistor logic (TTL) compatible inputs and outputs
■ CY7C107D available in Pb-free 28-pin 400-Mil wide Molded SOJ package. CY7C1007D available in Pb-free 28-pin 300-Mil wide Molded SOJ package




Similar Part No. - CY7C107D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C107D CYPRESS-CY7C107D Datasheet
898Kb / 11P
1-Mbit (1M x 1) Static RAM
CY7C107D CYPRESS-CY7C107D Datasheet
835Kb / 14P
1-Mbit (1M x 1) Static RAM Low active power
CY7C107D-10VXI CYPRESS-CY7C107D-10VXI Datasheet
859Kb / 10P
1-Mbit (1M x 1) Static RAM
CY7C107D-10VXI CYPRESS-CY7C107D-10VXI Datasheet
898Kb / 11P
1-Mbit (1M x 1) Static RAM
CY7C107D-10VXI CYPRESS-CY7C107D-10VXI Datasheet
835Kb / 14P
1-Mbit (1M x 1) Static RAM Low active power
More results


Similar Description - CY7C107D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C107B CYPRESS-CY7C107B Datasheet
144Kb / 9P
1M x 1 Static RAM
CY7C107 CYPRESS-CY7C107 Datasheet
144Kb / 8P
1M x 1 Static RAM
CY7C107BN CYPRESS-CY7C107BN Datasheet
310Kb / 7P
1M x 1 Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
1-Mbit (128K x 8) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
1-Mbit (64K x 16) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
1 Mbit (128K x 8) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
1-Mbit (64K x 16) Static RAM
CY7C107D CYPRESS-CY7C107D_09 Datasheet
859Kb / 10P
1-Mbit (1M x 1) Static RAM
CY7C107D CYPRESS-CY7C107D_11 Datasheet
898Kb / 11P
1-Mbit (1M x 1) Static RAM
CY7C107D_1104 CYPRESS-CY7C107D_1104 Datasheet
835Kb / 14P
1-Mbit (1M x 1) Static RAM Low active power
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com