Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAM-5G0-079CLR Datasheet (PDF) - STMicroelectronics

CAM-5G0-079CLR Datasheet PDF - STMicroelectronics
Part # CAM-5G0-079CLR
Download  CAM-5G0-079CLR Download
File Size   1150.42 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VD55G0 promodules: Camera module evaluation samples for instant integration of VD55G0 sensor

CAM-5G0-079CLR Datasheet (PDF)

Go To PDF Page Download Datasheet
CAM-5G0-079CLR Datasheet PDF - STMicroelectronics

Part # CAM-5G0-079CLR
Download  CAM-5G0-079CLR Click to download

File Size   1150.42 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VD55G0 promodules: Camera module evaluation samples for instant integration of VD55G0 sensor

CAM-5G0-079CLR Datasheet (HTML) - STMicroelectronics


CAM-5G0-079CLR Product details

Features
• “Promodules”: turnkey camera modules for evaluation:
– Including VD55G0 image sensor, lens holder, lens, and plug-and-play
flex connection.
– Lens focused, glued, and tested in cleanroom environment using
specialized equipment.
– Small footprint down to 5.0 mm square.
• Various lens options:
– Ultra-wide-angle lens for wide scene capture (158° DFOV).
– General purpose lens enabling various system setups (79° DFOV) and a
thin design.
• Plug-and-play connector to change promodules at any time:
– FPC-to-board 30-pin connector.
– Same connector for all ST promodules.
• Ready for evaluation and integration:
– On computer with a USB output using the EVK Main hardware tool and
the Evaluation GUI free software.
– On embedded processing platforms with a MIPI CSI-2 output using the
P-Board hardware tool and free Linux software tools.




Similar Part No. - CAM-5G0-079CLR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CAM-5G1-160CLR STMICROELECTRONICS-CAM-5G1-160CLR Datasheet
1Mb / 5P
VD55G1 promodules: Camera module evaluation samples for instant integration of VD55G1 sensor
17-May-2024
More results


Similar Description - CAM-5G0-079CLR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SIS3100 SANYO-SIS3100 Datasheet
96Kb / 4P
Colro Image Sensor Camera Module?
logo
Hamamatsu Corporation
C10000 HAMAMATSU-C10000 Datasheet
160Kb / 2P
Time Delay Integration Camera
logo
Rohm
BD8682MUV-M ROHM-BD8682MUV-M Datasheet
1Mb / 28P
Camera Module System Power Supply ICs for CMOS Sensor
logo
PUI audio inc.
ASE02008MR-LW150-R PUIAUDIO-ASE02008MR-LW150-R Datasheet
615Kb / 3P
20mm square speaker with 150mm lead wires for instant integration
ASE02808MR-LW150-R PUIAUDIO-ASE02808MR-LW150-R Datasheet
875Kb / 3P
28mm square speaker with 150mm lead wires for instant integration
ASE06008MR-LW150-R PUIAUDIO-ASE06008MR-LW150-R Datasheet
508Kb / 3P
60 x 30mm speaker with 150mm lead wires for instant integration
logo
Maxim Integrated Produc...
MAX125EVKIT MAXIM-MAX125EVKIT Datasheet
276Kb / 20P
Complete Evaluation System Samples to 40ksps
Rev 0; 10/97
MAX115EVKIT MAXIM-MAX115EVKIT Datasheet
223Kb / 7P
Complete Evaluation System Samples to 40ksps
Rev 0; 6/01
MAX1110EVKIT MAXIM-MAX1110EVKIT Datasheet
127Kb / 8P
Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX1270EVC16 MAXIM-MAX1270EVC16 Datasheet
196Kb / 7P
Complete Evaluation System Samples to 12ksps
Rev 2; 8/00
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com