Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C199D Datasheet (PDF) - Cypress Semiconductor

CY7C199D Datasheet PDF - Cypress Semiconductor
Part # CY7C199D
Download  CY7C199D Download
File Size   931.0 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K (32K x 8) Static RAM

CY7C199D Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C199D Datasheet PDF - Cypress Semiconductor

Part # CY7C199D
Download  CY7C199D Click to download

File Size   931.0 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K (32K x 8) Static RAM

CY7C199D Datasheet (HTML) - Cypress Semiconductor


CY7C199D Product details

Functional Description
The CY7C199D is a high performance CMOS static RAM organized as 32,768 words by 8 bits.

Features
■ Temperature ranges
   ❐ Industrial: –40°C to 85°C
   ❐ Automotive-E: –40°C to 125°C
■ Pin and function compatible with CY7C199C
■ High speed
   ❐ tAA = 10 ns (Industrial)
■ Low active power
   ❐ ICC = 80 mA at 10 ns
■ Low CMOS standby power
   ❐ ISB2 = 3 mA
■ 2.0V Data Retention
■ Automatic power down when deselected
■ CMOS for optimum speed/power
■ TTL-compatible inputs and outputs
■ Easy memory expansion with CE and OE features
■ Available in Pb-free 28-pin 300-Mil wide Molded SOJ, 28-pin
   300-Mil wide SOIC and 28-pin TSOP I packages




Similar Part No. - CY7C199D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199D CYPRESS-CY7C199D Datasheet
374Kb / 12P
256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D Datasheet
476Kb / 14P
256 K (32 K x 8) Static RAM Automatic power-down when deselected
CY7C199D-10VXI CYPRESS-CY7C199D-10VXI Datasheet
374Kb / 12P
256K (32K x 8) Static RAM
CY7C199D-10VXI CYPRESS-CY7C199D-10VXI Datasheet
476Kb / 14P
256 K (32 K x 8) Static RAM Automatic power-down when deselected
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
256 K (32 K 횞 8) Static RAM
More results


Similar Description - CY7C199D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
256K (32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
256K (32K x 8) Static RAM
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
256K(32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
256K (32K x 8) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com