Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1018DV33 Datasheet (PDF) - Cypress Semiconductor

CY7C1018DV33 Datasheet PDF - Cypress Semiconductor
Part # CY7C1018DV33
Download  CY7C1018DV33 Download
File Size   268.83 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (128K x 8) Static RAM

CY7C1018DV33 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1018DV33 Datasheet PDF - Cypress Semiconductor

Part # CY7C1018DV33
Download  CY7C1018DV33 Click to download

File Size   268.83 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (128K x 8) Static RAM

CY7C1018DV33 Datasheet (HTML) - Cypress Semiconductor


CY7C1018DV33 Product details

Features
■ Pin- and function-compatible with CY7C1018CV33 and CY7C1019CV33
■ High speed
   ❐ tAA = 10 ns
■ Low Active Power
   ❐ ICC = 60 mA @ 10 ns
■ Low CMOS Standby Power
   ❐ ISB2 = 3 mA
■ 2.0 V Data retention
■ Automatic power-down when deselected
■ CMOS for optimum speed/power
■ Center power/ground pinout
■ Easy memory expansion with CE and OE options
■ Available in Pb-free 32-pin 400-Mil wide Molded SOJ, 32-pin
   TSOP II and 48-ball VFBGA packages




Similar Part No. - CY7C1018DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1018DV33 CYPRESS-CY7C1018DV33 Datasheet
476Kb / 10P
1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
1-Mbit (128K x 8) Static RAM
More results


Similar Description - CY7C1018DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
1-Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
1 Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
1 Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_10 Datasheet
763Kb / 12P
1-Mbit (128K x 8) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com