Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5346 Datasheet (PDF) - PMC-Sierra, Inc

PM5346 Datasheet PDF - PMC-Sierra, Inc
Part # PM5346
Download  PM5346 Download
File Size   59.03 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description S/UNI-LITE ERRATA NOTICE

PM5346 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5346 Datasheet PDF - PMC-Sierra, Inc

Part # PM5346
Download  PM5346 Click to download

File Size   59.03 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description S/UNI-LITE ERRATA NOTICE

PM5346 Datasheet (HTML) - PMC-Sierra, Inc


PM5346 Product details

FEATURES
• Low-cost, monolithic SATURN® SONET/SDH ATM User Network Interface (UNI).
• Implements the ATM transmission convergence (TC) sublayer according to ATM Forum specifications using the SONET/SDH 155.52 Mbit/s STS- 3c/ STM-1, and 51.84 Mbit/s STS-1 formats.
• Supports ATM-Forum mid-range PHY and PMC-Sierra UNI-PHY™ subrates at 25.92 and 12.96 Mbit/s.
• Supports UTP-5 or STP twisted pair wiring interface devices and optical driver and receiver modules for fiber optic cable interfaces.
• Includes on-chip, Bellcore-compliant clock recovery and clock synthesis.
• Operates in timing master or timing slave (loop timed) modes.
• Frames to SONET/SDH framing bytes (A1 and A2), processes the section and line Bit Interleaved Parity (B1 and B2) and the Far-End Block Error (Z2) bytes.
• Interprets the H1, H2, and H3 payload pointer bytes.
• Processes the SONET path overhead BIP-8 (B3), signal label (C2), and path status (G1) bytes.
• Inserts and extracts ATM payloads using ATM cell delineation.
• Provides on-chip FIFO buffers in both transmit and receive paths.
• Provides on-chip support for Generic Flow Control (GFC) and XOFF flow control.
• Provides a synchronous, 8-bit, plus parity SATURN-Compliant Interface for PHYsical layer devices (SCI-PHY™) bus operating at 33 MHz.
• Compatible with ATM Forum UTOPIA interface format, with support for multi PHY applications.
• Provides a generic 8-bit microprocessor bus interface for configuration, control, and monitoring.
• Provides TTL-compatible inputs and outputs and differential PECL inputs.
• Low power, +5 V CMOS technology.
• Packaged in a 128-pin 14 mm by 20 mm Plastic Quad Flat Pack (PQFP) with 0.5 mm lead pitch.

APPLICATIONS
• 155.52, 51.84, 25.92 and 12.96 Mbit/s Twisted Pair or Optical ATM LANs
• Workstations and Personal Computer NIC Cards
• Switches, Hubs, and Router Port Cards
• SONET- or SDH-Compliant ATM UNIs




Similar Part No. - PM5346

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5346 PMC-PM5346 Datasheet
65Kb / 2P
155 Mb/s SATURN User Network Interface for LANs
PM5346 PMC-PM5346 Datasheet
536Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 Mbit/s)
PM5346 PMC-PM5346 Datasheet
70Kb / 11P
SATURN USER NETWORK INTERFACE (LITE)
PM5346 PMC-PM5346 Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
SATURN USER NETWORK INTERFACE (LITE)
More results


Similar Description - PM5346

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7324 PMC-PM7324 Datasheet
1Mb / 473P
S/UNI-ATM LAYER SOLUTION
logo
Texas Instruments
MSP53C391 TI-MSP53C391 Datasheet
24Kb / 2P
ERRATA
logo
Motorola, Inc
MSE08AZ60_1J35D MOTOROLA-MSE08AZ60_1J35D Datasheet
60Kb / 4P
Mask Set Errata
logo
Microchip Technology
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
Silicon Errata Sheet
1998 - 1999
DSPIC33FJXXXGPXXX MICROCHIP-DSPIC33FJXXXGPXXX Datasheet
164Kb / 6P
Silicon Errata
2006
DSPIC33FJXXXGPXXX_0612 MICROCHIP-DSPIC33FJXXXGPXXX_0612 Datasheet
228Kb / 10P
Silicon Errata
2006
DSPIC33FJ12GP201 MICROCHIP-DSPIC33FJ12GP201 Datasheet
269Kb / 6P
Silicon Errata
2007
logo
Texas Instruments
TMS320F28335_1104 TI-TMS320F28335_1104 Datasheet
188Kb / 18P
Silicon Errata
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A_15 Datasheet
29Kb / 1P
Errata
500102D MA-COM-500102D_15 Datasheet
22Kb / 2P
Errata
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com