Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

92HD202 Datasheet (PDF) - Integrated Device Technology

92HD202 Datasheet PDF - Integrated Device Technology
Part # 92HD202
Download  92HD202 Download
File Size   1385.97 Kbytes
Page   168 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 8-CHANNEL HIGH DEFINITION AUDIO CODEC

92HD202 Datasheet (PDF)

Go To PDF Page Download Datasheet
92HD202 Datasheet PDF - Integrated Device Technology

Part # 92HD202
Download  92HD202 Click to download

File Size   1385.97 Kbytes
Page   168 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 8-CHANNEL HIGH DEFINITION AUDIO CODEC

92HD202 Datasheet (HTML) - Integrated Device Technology


92HD202 Product details

DESCRIPTION
The 92HD202 is a high fidelity, 8-channel audio CODEC compatible with Intel’s High Definition (HD) Audio Interface. The 92HD202 CODEC provides stereo 24-bit resolution with sample rates up to 192 KHz. SPDIF I/O provides connectivity to consumer electronic equipment. The 92HD202 CODEC incorporates IDTs proprietary Σ∆ technology to achieve an estimated DAC SNR in excess of 95dB. The 92HD202 CODEC provides high quality HD Audio capability to notebook and media centric desktop PC applications.

FEATURES
• High performance HD Audio CODEC provides Theater Quality Audio
• Targeted for designs meeting Premium Windows Logo Program
• High performance Σ∆ technology
   • 95dB DAC SNR
• Intel HD Audio interface
• Eight Channel (4 DAC pairs and 2 stereo ADCs) with 24-bit resolution
• Sample Rates Up to 192 KHz
• Integrated Headphone Amps
• Stereo Microphone
   • Supports Stereo Microphone
   • Microphone Boost 0, 10, 20, 30, 40dB
• Direct CDROM Recording Mixerless Design
• SPDIF In and Out
• Two-Pin Volume Up/Down Control
• Impedance Sensing
• Universal Jacks™ Functionality for Jack Retasking
   • Headphone, Line Out, Line In and Microphone Support
      • Pins 35/36
      • Pins 39/41
   • Line Out, Line In and Microphone Support
      • Pins 16/17 (with strong line out)
      • Pins 23/24
      • Pins 21/22
   • Line In and Microphone Support
      • Pins 14/15
• Four Adjustable VREF Out pins for Microphone Bias
• Digital PC Beep to all outputs
• +5 V Analog Power Supply
• 48-pin LQFP package (7mm x 7mm)

THIRD PARTY SOFTWARE SUPPORT
• WOW™ and Tru Surround™ from SRS
• Intellisonic Microphone Beam Forming from Knowles™
• Maxx BASS™ from Waves
• Dolby PC Audio Logo Program
   • Program Levels
      • Dolby Sound Room™
      • Dolby Home Theater™
   • Dolby Technologies
      • Dolby Headphone™
      • Dolby ProLogic II™
      • Dolby Virtual Speaker™
• Smart Stream™ from Sonic Focus




Similar Part No. - 92HD202

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206DX5PRGXYYX IDT-92HD206DX5PRGXYYX Datasheet
1Mb / 176P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206XX5PRGXYYX IDT-92HD206XX5PRGXYYX Datasheet
1Mb / 176P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Similar Description - 92HD202

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9271 IDT-STAC9271 Datasheet
1Mb / 223P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD700 IDT-92HD700 Datasheet
1Mb / 181P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220 IDT-STAC9220 Datasheet
1Mb / 172P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC663 REALTEK-ALC663 Datasheet
1Mb / 82P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com