Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1020D Datasheet (PDF) - Cypress Semiconductor

CY7C1020D Datasheet PDF - Cypress Semiconductor
Part # CY7C1020D
Download  CY7C1020D Download
File Size   562.91 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 512K (32K x 16) Static RAM

CY7C1020D Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1020D Datasheet PDF - Cypress Semiconductor

Part # CY7C1020D
Download  CY7C1020D Click to download

File Size   562.91 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 512K (32K x 16) Static RAM

CY7C1020D Datasheet (HTML) - Cypress Semiconductor


CY7C1020D Product details

Functional Description [1]
The CY7C1020D is a high-performance CMOS static RAM organized as 32,768 words by 16 bits. This device has an automatic power-down feature that significantly reduces power consumption when deselected.

Features
■ Pin- and function-compatible with CY7C1020B
■ High speed
   — tAA = 10 ns
■ Low active power
   — ICC = 80 mA @ 10ns
■ Low complementary metal oxide semiconductor (CMOS) standby power
   — ISB2 = 3 mA
■ 2.0 V data retention
■ Automatic power-down when deselected
■ CMOS for optimum speed/power
■ Independent control of upper and lower bits
■ Available in Pb-free 44-pin 400-Mil wide Molded SOJ and 44-pin thin small outline package (TSOP) II packages




Similar Part No. - CY7C1020D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020D CYPRESS-CY7C1020D Datasheet
543Kb / 13P
512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D Datasheet
458Kb / 15P
512K (32K x 16) Static RAM Automatic power-down when deselected
CY7C1020D-10VXI CYPRESS-CY7C1020D-10VXI Datasheet
543Kb / 13P
512K (32K x 16) Static RAM
CY7C1020D-10VXI CYPRESS-CY7C1020D-10VXI Datasheet
458Kb / 15P
512K (32K x 16) Static RAM Automatic power-down when deselected
CY7C1020D-10ZSXI CYPRESS-CY7C1020D-10ZSXI Datasheet
543Kb / 13P
512K (32K x 16) Static RAM
More results


Similar Description - CY7C1020D

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5P1632 SHARP-LH5P1632 Datasheet
89Kb / 10P
CMOS 512K (32K x 16) Pseudo-Static RAM
logo
Cypress Semiconductor
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B Datasheet
180Kb / 10P
32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B_06 Datasheet
507Kb / 9P
32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
32K x 16 Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_06 Datasheet
265Kb / 9P
512K (32K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33 Datasheet
331Kb / 10P
512K (32K x 16) Static RAM
CY7C1020 CYPRESS-CY7C1020_01 Datasheet
190Kb / 10P
32K x 16 Static RAM
CY7C1020D CYPRESS-CY7C1020D_10 Datasheet
543Kb / 13P
512K (32K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33_10 Datasheet
539Kb / 12P
512K (32K x 16) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com