Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1021D Datasheet (PDF) - Cypress Semiconductor

CY7C1021D Datasheet PDF - Cypress Semiconductor
Part # CY7C1021D
Download  CY7C1021D Download
File Size   558.37 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (64K x 16) Static RAM

CY7C1021D Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1021D Datasheet PDF - Cypress Semiconductor

Part # CY7C1021D
Download  CY7C1021D Click to download

File Size   558.37 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (64K x 16) Static RAM

CY7C1021D Datasheet (HTML) - Cypress Semiconductor


CY7C1021D Product details

Functional Description [1]
The CY7C1021D is a high-performance CMOS static RAM organized as 65,536 words by 16 bits. This device has an automatic power-down feature that significantly reduces power consumption when deselected.

Features
• Pin-and function-compatible with CY7C1021B
• High speed
   — tAA = 10 ns
• Low active power
   — ICC = 80 mA @ 10 ns
• Low CMOS Standby Power
   — ISB2 = 3 mA
• 2.0V Data Retention
• Automatic power-down when deselected
• CMOS for optimum speed/power
• Independent control of upper and lower bits
• Available in Pb-free 44-pin 400-Mil wide Molded SOJ and 44-pin TSOP II packages




Similar Part No. - CY7C1021D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021D CYPRESS-CY7C1021D Datasheet
510Kb / 16P
1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY7C1021D-10VXI CYPRESS-CY7C1021D-10VXI Datasheet
510Kb / 16P
1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10ZSXI CYPRESS-CY7C1021D-10ZSXI Datasheet
510Kb / 16P
1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
1-Mbit (64K x 16) Static RAM
More results


Similar Description - CY7C1021D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
1-Mbit (64K x 16) Static RAM
CY7C1021BN CYPRESS-CY7C1021BN_09 Datasheet
461Kb / 10P
1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
1-Mbit (64K x 16) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com