Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1217H Datasheet (PDF) - Cypress Semiconductor

CY7C1217H Datasheet PDF - Cypress Semiconductor
Part # CY7C1217H
Download  CY7C1217H Download
File Size   386.09 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (32K x 36) Flow-Through Sync SRAM

CY7C1217H Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1217H Datasheet PDF - Cypress Semiconductor

Part # CY7C1217H
Download  CY7C1217H Click to download

File Size   386.09 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (32K x 36) Flow-Through Sync SRAM

CY7C1217H Datasheet (HTML) - Cypress Semiconductor


CY7C1217H Product details

Functional Description[1]
The CY7C1217H is a 32K x 36 synchronous cache RAM designed to interface with high-speed microprocessors with minimum glue logic. Maximum access delay from clock rise is 6.5 ns (133-MHz version). A 2-bit on-chip counter captures the first address in a burst and increments the address automatically for the rest of the burst access.

Features
• 32K x 36 common I/O
• 3.3V core power supply (VDD)
• 2.5V/3.3V I/O power supply (VDDQ)
• Fast clock-to-output times
   — 6.5 ns (for 133-MHz version)
• Provide high-performance 2-1-1-1 access rate
• User-selectable burst counter supporting Intel® Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed write
• Asynchronous output enable
• Available in JEDEC-standard lead-free 100-Pin TQFP package
• “ZZ” Sleep Mode option




Similar Part No. - CY7C1217H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1217F CYPRESS-CY7C1217F Datasheet
322Kb / 14P
1-Mbit (32K x 36) Flow-Through Sync SRAM
CY7C1217F-100AC CYPRESS-CY7C1217F-100AC Datasheet
322Kb / 14P
1-Mbit (32K x 36) Flow-Through Sync SRAM
More results


Similar Description - CY7C1217H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1345G CYPRESS-CY7C1345G Datasheet
331Kb / 17P
4-Mbit (128K x 36) Flow-Through Sync SRAM
CY7C1219F CYPRESS-CY7C1219F Datasheet
333Kb / 15P
1-Mbit (32K x 36) Pipelined DCD Sync SRAM
CY7C1214F CYPRESS-CY7C1214F Datasheet
290Kb / 15P
1-Mb (32K x 32) Flow-Through Sync SRAM
CY7C1344H CYPRESS-CY7C1344H Datasheet
680Kb / 15P
2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_07 Datasheet
767Kb / 20P
4-Mbit (128K x 36) Flow Through Sync SRAM
CY7C1214H CYPRESS-CY7C1214H Datasheet
354Kb / 15P
1-Mbit (32K x 32) Flow-Through Sync SRAM
CY7C1217F CYPRESS-CY7C1217F Datasheet
322Kb / 14P
1-Mbit (32K x 36) Flow-Through Sync SRAM
CY7C1219H CYPRESS-CY7C1219H Datasheet
359Kb / 16P
1-Mbit (32K x 36) Pipelined DCD Sync SRAM
CY7C1344F CYPRESS-CY7C1344F Datasheet
287Kb / 15P
2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33_13 Datasheet
986Kb / 34P
36-Mbit (1 M x 36) Flow-Through SRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com