Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCEP0160 Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCEP0160 Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCEP0160
Download  NCEP0160 Download
File Size   431.91 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Super Trench Power MOSFET

NCEP0160 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCEP0160 Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCEP0160
Download  NCEP0160 Click to download

File Size   431.91 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N-Channel Super Trench Power MOSFET

NCEP0160 Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCEP0160 Product details

Description
The NCEP0160 uses Super Trench technology that is
uniquely optimized to provide the most efficient high
frequency switching performance. Both conduction and
switching power losses are minimized due to an extremely
low combination of RDS(ON) and Qg. This device is ideal for
high-frequency switching and synchronous rectification.

General Features
● VDS =100V,ID =60A
RDS(ON) =9.2mΩ(typical) @ VGS=10V
● Excellent gate charge x RDS(on) product(FOM)
● Very low on-resistance RDS(on)
● 175 °C operating temperature
● Pb-free lead plating
● 100% UIS tested

Application
● DC/DC Converter
● Ideal for high-frequency switching and synchronous
rectification




Similar Part No. - NCEP0160

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCEP0160A NCEPOWER-NCEP0160A Datasheet
429Kb / 7P
NCE N-Channel Super Trench Power MOSFET
V1.0
NCEP0160G NCEPOWER-NCEP0160G Datasheet
345Kb / 7P
NCE N-Channel Super Trench Power MOSFET
More results


Similar Description - NCEP0160

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCEP01T11 NCEPOWER-NCEP01T11 Datasheet
326Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP15T11 NCEPOWER-NCEP15T11 Datasheet
370Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP15T11J NCEPOWER-NCEP15T11J Datasheet
372Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP15T11T NCEPOWER-NCEP15T11T Datasheet
347Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP85T25D NCEPOWER-NCEP85T25D Datasheet
321Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP0114AS NCEPOWER-NCEP0114AS Datasheet
463Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP01T18T NCEPOWER-NCEP01T18T Datasheet
340Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP85T12 NCEPOWER-NCEP85T12 Datasheet
327Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP8588 NCEPOWER-NCEP8588 Datasheet
343Kb / 7P
NCE N-Channel Super Trench Power MOSFET
NCEP30T12G NCEPOWER-NCEP30T12G Datasheet
438Kb / 6P
NCE N-Channel Super Trench Power MOSFET
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com