Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD52068 Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

AD52068 Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # AD52068
Download  AD52068 Download
File Size   1192.36 Kbytes
Page   22 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x20W Stereo Class-D Audio Amplifier with Power Limit

AD52068 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD52068 Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # AD52068
Download  AD52068 Click to download

File Size   1192.36 Kbytes
Page   22 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x20W Stereo Class-D Audio Amplifier with Power Limit

AD52068 Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


AD52068 Product details

Features
 Single supply voltage
4.5V ~ 26V for loudspeaker driver
Built-in LDO output 5V for others
 Loudspeaker power from 24V supply
BTL Mode: 20W/CH into 8 @<1% THD+N
PBTL Mode: 40W/CH into 4 @<10% THD+N
 Loudspeaker power from 12V supply
BTL Mode: 10W/CH into 8 @10% THD+N
 88% efficient Class-D operation eliminates need
for heat sink
 Differential inputs
 Four selectable, fixed gain settings
 Internal oscillator
 Short-Circuit protection with auto recovery option
 Under-Voltage detection
 Over-Voltage protection
 Pop noise and click noise reduction
 Adjustable power limit function for speaker
protection
 Output DC detection for speaker protection
 Filter-Free operation
 Over temperature protection with auto recovery
 Superior EMC performance

Applications
 TV audio
 Boom-Box
 Powered speaker
 Monitors
 Consumer Audio Equipment

Description
The AD52068 is a high efficiency stereo class-D
audio amplifier with adjustable power limit function.
The loudspeaker driver operates from 4.5V~26V
supply voltage and analog circuit operates at 5V
supply voltage. It can deliver 20W/CH output power
into 8 loudspeaker within 1% THD+N at 24V
supply voltage and without external heat sink when
playing music.
AD52068 provides parallel BTL (Mono)
application, and it can deliver 40W into 4
loudspeaker at 24V supply voltage. The adjustable
power limit function allows user to set a voltage rail
lower than half of 5V to limit the amount of current
through the speaker.
Output DC detection prevents speaker damage
from long-time current stress. AD52068 provides
superior EMC performance for filter-free application.
The output short circuit and over temperature
protection include auto-recovery feature.




Similar Part No. - AD52068

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5206 AD-AD5206 Datasheet
173Kb / 11P
4-/6-Channel Digital Potentiometers
REV.0
AD5206 AD-AD5206 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD5206 AD-AD5206 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
AD5206 AD-AD5206 Datasheet
749Kb / 16P
256-Position and 33-Position Digital Potentiometers
02/01-Data Sheet changed from REV. O to REV. A.
AD5206 AD-AD5206 Datasheet
371Kb / 20P
4-/6-Channel Digital Potentiometers
REV. C
More results


Similar Description - AD52068

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8006A PAM-PAM8006A Datasheet
457Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
PAM8620 PAM-PAM8620 Datasheet
463Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Monolithic Power System...
MP7748 MPS-MP7748 Datasheet
823Kb / 19P
2x20W Stereo Single Ended Class D Audio Amplifier
logo
Integrated Silicon Solu...
IS31AP2110 ISSI-IS31AP2110 Datasheet
397Kb / 16P
20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT
logo
Monolithic Power System...
MP7751 MPS-MP7751 Datasheet
903Kb / 19P
26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7751-F-00A MPS-EV7751-F-00A Datasheet
243Kb / 7P
2X20W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
logo
Diodes Incorporated
PAM8006A DIODES-PAM8006A Datasheet
544Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
PAM8620 DIODES-PAM8620 Datasheet
309Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
logo
Elite Semiconductor Mem...
AD52060 ESMT-AD52060 Datasheet
704Kb / 23P
2x20W Stereo Class-D Audio Amplifier with Power Limit
Revision: 1.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com