Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2011-T7 Datasheet (PDF) - Protek Devices

PA2011-T7 Datasheet PDF - Protek Devices
Part # PA2011-T7
Download  PA2011-T7 Download
File Size   275.22 Kbytes
Page   8 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description Low-Voltage, Low RON, Single SPDT Analog Switch.

PA2011-T7 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA2011-T7 Datasheet PDF - Protek Devices

Part # PA2011-T7
Download  PA2011-T7 Click to download

File Size   275.22 Kbytes
Page   8 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description Low-Voltage, Low RON, Single SPDT Analog Switch.

PA2011-T7 Datasheet (HTML) - Protek Devices


PA2011-T7 Product details

Description

The PA2011 is a low on-resistance, single-pole double throw monolithic CMOS analog switch. It is designed for low voltage applications with guaranteed operation at 2 V. The PA2011 is ideal for portable and battery powered equipment, requiring high performance and efficient use of board space. In additional to the low on-resistance (1.8  at 2.7 V), charge injection is less than 10 pC over the entire analog range.

The switch conducts equally well in both directions when on, and blocks up to the power supply level when off.



Features

• Low Voltage Operation (1.8 V to 3.3 V)

• Low On-Resistance - rON: 1.8  at 2.7 V

• Low Charge Injection

• Low Voltage Logic Compatible

• DFN-6 Package or SC70-6 Package



Benefits

• Reduced Power Consumption

• Simple Logic Interface

• High Accuracy

• Reduce Board Space

• Guaranteed 2 V Operation



Applications

• Cellular Phones

• Communication Systems

• Portable Test Equipment

• Battery Operated Systems

• Sample and Hold Circuits

• ADC and DAC Applications

• USB 1.1 Interfaces




Similar Part No. - PA2011-T7

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
313Kb / 9P
Low RDSON SPDT Analog Switch.
PA2011DN-T7 PROTEC-PA2011DN-T7 Datasheet
313Kb / 9P
Low RDSON SPDT Analog Switch.
PA2011SC-T13 PROTEC-PA2011SC-T13 Datasheet
313Kb / 9P
Low RDSON SPDT Analog Switch.
PA2011SC-T7 PROTEC-PA2011SC-T7 Datasheet
313Kb / 9P
Low RDSON SPDT Analog Switch.
PA2011 PROTEC-PA2011_11 Datasheet
313Kb / 9P
Low RDSON SPDT Analog Switch.
More results


Similar Description - PA2011-T7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
Low-Voltage Single SPDT Analog Switch
10-Nov-00
logo
Fairchild Semiconductor
FSA2257 FAIRCHILD-FSA2257 Datasheet
539Kb / 7P
Low RON Low Voltage Dual SPDT Bi-Directional Analog Switch
FSA2257 FAIRCHILD-FSA2257_07 Datasheet
665Kb / 13P
Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
logo
Vishay Siliconix
DG2307 VISHAY-DG2307 Datasheet
105Kb / 7P
High-Speed, Low rON, SPDT Analog Switch
30-Apr-07
DG2011 VISHAY-DG2011_08 Datasheet
113Kb / 8P
Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
16-Jan-06
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG3157 VISHAY-DG3157_09 Datasheet
126Kb / 8P
High-Speed, Low RON, SPDT Analog Switch
23-Feb-09
logo
Fairchild Semiconductor
FSA2257 FAIRCHILD-FSA2257_09 Datasheet
980Kb / 11P
Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
logo
Vishay Siliconix
DG3157 VISHAY-DG3157_V01 Datasheet
129Kb / 8P
High-Speed, Low RON, SPDT Analog Switch
23-Feb-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com