Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1328G Datasheet (PDF) - Cypress Semiconductor

CY7C1328G Datasheet PDF - Cypress Semiconductor
Part # CY7C1328G
Download  CY7C1328G Download
File Size   379.59 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (256K x 18) Pipelined DCD Sync SRAM

CY7C1328G Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1328G Datasheet PDF - Cypress Semiconductor

Part # CY7C1328G
Download  CY7C1328G Click to download

File Size   379.59 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (256K x 18) Pipelined DCD Sync SRAM

CY7C1328G Datasheet (HTML) - Cypress Semiconductor


CY7C1328G Product details

Functional Description[1]
The CY7C1328G SRAM integrates 256K x 18 SRAM cells with advanced synchronous peripheral circuitry and a two-bit counter for internal burst operation.

Features
• Registered inputs and outputs for pipelined operation
• Optimal for performance (Double-Cycle deselect)
   — Depth expansion without wait state
• 256K × 18 common I/O architecture
• 3.3V core power supply (VDD)
• 3.3V/2.5V I/O power supply (VDDQ)
• Fast clock-to-output times
   — 2.6 ns (for 250-MHz device)
• Provide high-performance 3-1-1-1 access rate
• User-selectable burst counter supporting Intel® Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed writes
• Asynchronous Output Enable
• Available in lead-free 100-Pin TQFP package
• “ZZ” Sleep Mode option




Similar Part No. - CY7C1328G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
584Kb / 22P
4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
602Kb / 23P
4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
CY7C1328G CYPRESS-CY7C1328G_12 Datasheet
584Kb / 22P
4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
CY7C1328G CYPRESS-CY7C1328G_13 Datasheet
602Kb / 23P
4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
More results


Similar Description - CY7C1328G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1223H CYPRESS-CY7C1223H Datasheet
708Kb / 16P
2-Mbit (128K x 18) Pipelined DCD Sync SRAM
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
9-Mbit (256K x 32) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_06 Datasheet
373Kb / 18P
4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1328F CYPRESS-CY7C1328F Datasheet
341Kb / 17P
4-Mb (256K x 18) Pipelined DCD Sync SRAM
CY7C1328G CYPRESS-CY7C1328G_13 Datasheet
602Kb / 23P
4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com