Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F0057 Datasheet (PDF) - Holtek Semiconductor Inc

HT45F0057 Datasheet PDF - Holtek Semiconductor Inc
Part # HT45F0057
Download  HT45F0057 Download
File Size   6323.77 Kbytes
Page   88 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description nduction Cooker Flash MCU

HT45F0057 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT45F0057 Datasheet PDF - Holtek Semiconductor Inc

Part # HT45F0057
Download  HT45F0057 Click to download

File Size   6323.77 Kbytes
Page   88 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description nduction Cooker Flash MCU

HT45F0057 Datasheet (HTML) - Holtek Semiconductor Inc


HT45F0057 Product details

Features
CPU Features
• Operating Voltage
♦ fSYS = 8MHz: 2.2V~5.5V
• Up to 0.5μs instruction cycle with 8MHz system clock at VDD=5V
• Power down and wake-up functions to reduce power consumption
• Two Oscillators:
♦ Internal High Speed RC – HIRC
♦ Internal Low Speed 32kHz RC – LIRC
• Fully integrated internal 8MHz oscillator requires no external components
• All instructions executed in one or two instruction cycles
• Table read instructions
• 63 powerful instructions
• 6-level subroutine nesting
• Bit manipulation instruction
Peripheral Features
• Program Memory: 4K × 16
• Data Memory: 208 × 8
• Watchdog Timer function
• Up to 13 bidirectional I/O lines
• 9-channel 12-bit resolution A/D converter
• 9-bit programmable pulse generator
♦ Pulse width limit
♦ Two PPG preload registers
♦ Non-retriggered control
♦ Active high or low output is selected by configuration option
• Single pin-shared external interrupt
♦ Integrated de-bounce circuit for the external interrupt
♦ De-bounce time is selected by software options
• Four comparator functions
• Single Operational Amplifier – input voltage offset adjustable by software
• Peripheral clock output
• Three 8-bit programmable timer/event counters
♦ Timer 0 can be configured to count synchronism pulse number or measure synchronism pulse
high or low period
♦ Timer 1 can be configured to implement PPG non-retriggered function
• Low Voltage Reset function
• Low Voltage Detect function
• Package types: 16-pin DIP/NSOP

General Description
The device is a Flash Memory A/D type 8-bit high performance RISC architecture microcontroller
specifically designed for induction cooker applications. The device includes a wide range of
functions and features such as low power consumption, I/O flexibility, timer functions, multichannel A/D converter, power down and wake-up functions that enhance the versatility of this
device making it especially suitable for induction cooker applications but which may have other
application possibilities which require similar functions. The device also provides four comparators,
an operational amplifier and a programmable pulse generator.




Similar Part No. - HT45F0057

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45F0057 HOLTEK-HT45F0057 Datasheet
1Mb / 81P
Induction Cooker Flash MCU
HT45F0057 HOLTEK-HT45F0057_V01 Datasheet
1Mb / 81P
Induction Cooker Flash MCU
More results


Similar Description - HT45F0057

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS39C7092 HYNIX-HMS39C7092 Datasheet
1Mb / 199P
Embedded Flash MCU
logo
ATMEL Corporation
SAM7S161 ATMEL-SAM7S161_14 Datasheet
4Mb / 775P
ARM-based Flash MCU
SAM7S512 ATMEL-SAM7S512_14 Datasheet
4Mb / 775P
ARM-based Flash MCU
logo
Silicon Laboratories
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
Flash MCU Family
logo
Holtek Semiconductor In...
HT45F5Q HOLTEK-HT45F5Q Datasheet
6Mb / 114P
Charger Flash MCU
December 13, 2016
HT45F5Q-2 HOLTEK-HT45F5Q-2 Datasheet
6Mb / 117P
Charger Flash MCU
July 06, 2017
BS83B04A-4 HOLTEK-BS83B04A-4 Datasheet
4Mb / 128P
Touch Flash MCU
BS83B08C HOLTEK-BS83B08C Datasheet
6Mb / 128P
Touch Flash MCU
logo
Core Technology (Shenzh...
CSU8RF2111 CHIPSEA-CSU8RF2111 Datasheet
743Kb / 54P
8 RISC FLASH MCU
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
Flash MCU Family
Rev. 1.2
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com