Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JST12 Datasheet (PDF) - JIEJIE MICROELECTRONICS CO.,Ltd

JST12 Datasheet PDF - JIEJIE MICROELECTRONICS CO.,Ltd
Part # JST12
Download  JST12 Download
File Size   436.49 Kbytes
Page   7 Pages
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd
Description 12A TRIACs

JST12 Datasheet (PDF)

Go To PDF Page Download Datasheet
JST12 Datasheet PDF - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JST12
Download  JST12 Click to download

File Size   436.49 Kbytes
Page   7 Pages
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd
Description 12A TRIACs

JST12 Datasheet (HTML) - JIEJIE MICROELECTRONICS CO.,Ltd


JST12 Product details

DESCRIPTION:
JST12 series triacs, with high ability to withstand the
shock loading of large current, provide high dv/dt rate
with strong resistance to electromagnetic interface. With
high commutation performances, 3 quadrants products
especially recommended for use on inductive load.
JST12A provides insulation voltage rated at 2500V RMS
and JST12F provides insulation voltage rated at 2000V
RMS from all three terminals to external heatsink
complying with UL standards (File ref: E252906)




Similar Part No. - JST12

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JST12 JIEJIE-JST12 Datasheet
531Kb / 5P
12A TRIACs
JST12-600B JIEJIE-JST12-600B Datasheet
531Kb / 5P
12A TRIACs
JST12-600B JIEJIE-JST12-600B Datasheet
507Kb / 5P
12A TRIACs
JST12-800B JIEJIE-JST12-800B Datasheet
531Kb / 5P
12A TRIACs
JST12-800B JIEJIE-JST12-800B Datasheet
507Kb / 5P
12A TRIACs
More results


Similar Description - JST12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H Datasheet
94Kb / 7P
12A TRIACS
Apr-2002
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
12A TRIACS
BTB12-800BW KERSEMI-BTB12-800BW Datasheet
1,011Kb / 5P
12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
12A TRIACS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com