Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5365 Datasheet (PDF) - PMC-Sierra, Inc

PM5365 Datasheet PDF - PMC-Sierra, Inc
Part # PM5365
Download  PM5365 Download
File Size   1169.15 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description VT/TU MAPPER AND M13 MULTIPLEXER

PM5365 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5365 Datasheet PDF - PMC-Sierra, Inc

Part # PM5365
Download  PM5365 Click to download

File Size   1169.15 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description VT/TU MAPPER AND M13 MULTIPLEXER

PM5365 Datasheet (HTML) - PMC-Sierra, Inc


PM5365 Product details

DESCRIPTION
The PM5365 VT/TU Mapper and M13 Multiplexer (TEMAP) is a feature-rich device for use in any applications requiring high density link termination over T1 channelized DS3 or T1 and E1 channelized SONET/SDH facilities.

FEATURES
• Integrates a SONET/SDH VT1.5/VT2/TU11/TU12 bit asynchronous mapper, a full featured M13 multiplexer with DS3 framer, and a SONET/SDH DS3 mapper in a single monolithic device for terminating DS3 multiplexed T1 streams, SONET/SDH mapped T1 streams or SONET/SDH mapped E1 streams.
• Five fundamental modes of operation:
• Single STS-1, AU3 or TUG3 Bit Asynchronous VT1.5 or TU-11 Mapper with ingress or egress per tributary link monitoring for 28 T1s.
• DS3 M13 Multiplexer with ingress or egress per link monitoring for 28 T1s.
• Up to 28 DS3 multiplexed T1 streams are mapped as bit asynchronous VT1.5 virtual tributaries or TU-11 tributary units, providing a transmultiplexing (“transmux”) function between DS3 and SONET/SDH with ingress or egress per tributary link monitoring for 28 T1s.
• Single STS-1, AU3 or TUG3 Bit Asynchronous VT2 or TU-12 Mapper with
ingress or egress per tributary link monitoring for 21 E1s or 21 T1s.
• Up to 21 E1 streams multiplexed into a DS3 following the ITU-T G.747 recommendation. This E1 mode of operation is restricted to using the serial clock and data system interfaces.
• Up to 28 VT1.5/TU11 or 21 VT2/TU12 tributaries can be passed between the line SONET/SDH bus and the SBI bus as transparent virtual tributaries with pointer processing.
• When adding and dropping T1 or E1 tributaries the mapper and demapper blocks allow for up to 28 VT1.5/TU11 or 21 VT2/TU12 tributaries to be processed from any tributary location within the full STS-3/STM-1. On the telecom DROP bus side this requires that the STS-3/STM-1 be in locked mode such that the J1 bytes immediately follow the C1 bytes.
• Supports a byte serial Scaleable Bandwidth Interconnect (SBI) bus interface for high density system side device interconnection of up to 84 T1 streams, 63 E1 streams or 3 DS3 streams. This interface also supports transparent virtual tributaries when used with the SONET/SDH mapper.
• Provides jitter attenuation in the T1 or E1 receive and transmit directions.
• Provides two independent de-jittered T1 or E1 recovered clocks for system timing and redundancy.
• Provides an on-board programmable binary sequence generator and detector for error testing at DS3 rates. Includes support for patterns recommended in ITU-T O.151.
• Also provides PRBS generators and detectors on each tributary for error testing at DS1, E1 and NxDS0 rates as recommended in ITU-T O.151 and O.152.
• Supports the M23 and C-bit parity DS3 formats.
• Standalone unchannelized DS3 framer mode for access to the entire DS3 payload.
• When configured to operate as a DS3 Framer, gapped transmit and receive clocks can be optionally generated for interface to link layer devices which only need access to payload data bits.
• DS3 Transmit clock source can be selected from either an external oscillator or from the receive side clock (loop-timed).
• Provides a SONET/SDH Add/Drop bus interface with integrated VT1.5, TU- 11, VT2 and TU-12 mapper for T1and E1 streams. Also provides a DS3 mapper.
• Register level compatibility with the PM8315 TEMUX, the PM4388 TOCTL Octal T1 Framer, the PM6388 EOCTL Octal E1 Framer, the PM4351 COMET E1/T1 transceiver and the PM8313 D3MX M13 Multiplexer/Demultiplexer.
• Provides a generic 8-bit microprocessor bus interface for configuration, control and status monitoring.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board test purposes.
• Low power 2.5V/3.3V CMOS technology. All pins are 5V tolerant.
• 324-pin fine pitch PBGA package (23mm x 23mm). Supports industrial temperature range (-40°C to 85°C) operation.

APPLICATIONS
• SONET/SDH Add Drop Multiplexers
• SONET/SDH Terminal Multiplexers
• M23 Based M13 Multiplexer
• C-Bit Parity Based M13 Multiplexer
• Channelized and Unchannelized DS3 Frame Relay Interfaces




Similar Part No. - PM5365

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5365 PMC-PM5365 Datasheet
57Kb / 2P
High Density VT/TU Mapper and M13 Multiplexer
More results


Similar Description - PM5365

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5365 PMC-PM5365 Datasheet
57Kb / 2P
High Density VT/TU Mapper and M13 Multiplexer
PM5366 PMC-PM5366 Datasheet
2Mb / 267P
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PM8315 PMC-PM8315 Datasheet
2Mb / 2P
HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED VT/TU MAPPER AND M13 MULTIPLEXER
PM8315 PMC-PM8315 Datasheet
53Kb / 2P
High Density T1/E1 Framer with Integrated VT/TU Mapper and M13 Mux
PM8312 PMC-PM8312 Datasheet
159Kb / 2P
High-Density 32-Channel T1/E1/J1 Framer with Integrated VT/TU Mapper & M13 Multiplexer
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328 Datasheet
1Mb / 96P
INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
logo
PMC-Sierra, Inc
PM8310 PMC-PM8310 Datasheet
267Kb / 2P
TEMUX 336 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
PM8311 PMC-PM8311 Datasheet
232Kb / 2P
TEMUX 168 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_08 Datasheet
1Mb / 271P
28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
logo
PMC-Sierra, Inc
PM8313D3MX PMC-PM8313D3MX Datasheet
582Kb / 192P
M13 MULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com