Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG4020EPAS-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG4020EPAS-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG4020EPAS-Q
Download  PMEG4020EPAS-Q Download
File Size   272.16 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 2 A low VF Schottky barrier rectifier

PMEG4020EPAS-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG4020EPAS-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG4020EPAS-Q
Download  PMEG4020EPAS-Q Click to download

File Size   272.16 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 2 A low VF Schottky barrier rectifier

PMEG4020EPAS-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG4020EPAS-Q Product details

1. General description
Planar Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated
in an ultra thin DFN2020D-3 (SOT1061D) leadless small Surface-Mounted Device (SMD) plastic
package with visible and solderable side pads.

2. Features and benefits
• Average forward current IF(AV) ≤ 2 A
• Reverse voltage VR ≤ 40 V
• Low forward voltage VF ≤ 535 mV
• Low reverse current
• Reduced Printed-Circuit-Board (PCB) area requirements
• Exposed heat sink (cathode pad) for excellent thermal and electrical conductivity
• Leadless small SMD plastic package with visible and solderable side pads
• Suitable for Automatic Optical Inspection (AOI) of solder joints
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch Mode Power Supply (SMPS)
• Free-wheeling application
• Reverse polarity protection
• Low power consumption application
• Battery chargers for mobile equipment
• LED backlight for mobile application




Similar Part No. - PMEG4020EPAS-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4020EPAS NEXPERIA-PMEG4020EPAS Datasheet
710Kb / 15P
40 V, 2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG4020EPAS PHILIPS-PMEG4020EPAS_15 Datasheet
227Kb / 15P
40 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
More results


Similar Description - PMEG4020EPAS-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4020ETP NXP-PMEG4020ETP Datasheet
160Kb / 14P
40 V, 2 A low VF MEGA Schottky barrier rectifier
Rev. 1-5 October 2011
PMEG4020EPAS PHILIPS-PMEG4020EPAS_15 Datasheet
227Kb / 15P
40 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
PMEG4020EPK PHILIPS-PMEG4020EPK_15 Datasheet
212Kb / 15P
40 V, 2 A low VF MEGA Schottky barrier rectifier
11 February 2014
logo
Nexperia B.V. All right...
PMEG4020EPAS NEXPERIA-PMEG4020EPAS Datasheet
710Kb / 15P
40 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG4020EPK NEXPERIA-PMEG4020EPK Datasheet
703Kb / 15P
40 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG4020ETR NEXPERIA-PMEG4020ETR Datasheet
229Kb / 13P
40 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG4020EP-Q NEXPERIA-PMEG4020EP-Q Datasheet
257Kb / 12P
40 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG4020ER-Q NEXPERIA-PMEG4020ER-Q Datasheet
262Kb / 13P
40 V, 2 A low VF Schottky barrier rectifier
16 November 2022
PMEG4020EP NEXPERIA-PMEG4020EP Datasheet
257Kb / 12P
40 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG4020ER NEXPERIA-PMEG4020ER Datasheet
284Kb / 13P
40 V, 2 A low VF Schottky barrier rectifier
1 January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com