Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H12X4L Datasheet (PDF) - Belden Inc.

H12X4L Datasheet PDF - Belden Inc.
Part # H12X4L
Download  H12X4L Download
File Size   140.21 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 610HH, 12 C 4.0mm² Str BC, LSZH Ins, LSZH Jkt, UL AWM Style 21115

H12X4L Datasheet (PDF)

Go To PDF Page Download Datasheet
H12X4L Datasheet PDF - Belden Inc.

Part # H12X4L
Download  H12X4L Click to download

File Size   140.21 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 610HH, 12 C 4.0mm² Str BC, LSZH Ins, LSZH Jkt, UL AWM Style 21115

H12X4L Datasheet (HTML) - Belden Inc.


H12X4L Product details

Product Description
MachFlex™ 610HH, 12 Conductor 4mm² Stranded Bare Copper, LSZH Insulation, LSZH Jacket , UL AWM Style 21115




Similar Part No. - H12X4L

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
H12X0.75SY BELDEN-H12X0.75SY Datasheet
147Kb / 2P
MachFlex™ 610 SY, 12C 0.75 mm² Str BC, PVC Ins, PVC Inner Jkt, GSW Brd,PVC Outer Jkt
03-05-2024
H12X0.75SY-003100M BELDEN-H12X0.75SY-003100M Datasheet
147Kb / 2P
MachFlex™ 610 SY, 12C 0.75 mm² Str BC, PVC Ins, PVC Inner Jkt, GSW Brd,PVC Outer Jkt
03-05-2024
H12X0.75SY-003200M BELDEN-H12X0.75SY-003200M Datasheet
147Kb / 2P
MachFlex™ 610 SY, 12C 0.75 mm² Str BC, PVC Ins, PVC Inner Jkt, GSW Brd,PVC Outer Jkt
03-05-2024
H12X0.75SY-003300M BELDEN-H12X0.75SY-003300M Datasheet
147Kb / 2P
MachFlex™ 610 SY, 12C 0.75 mm² Str BC, PVC Ins, PVC Inner Jkt, GSW Brd,PVC Outer Jkt
03-05-2024
H12X0.75SY-010100M BELDEN-H12X0.75SY-010100M Datasheet
147Kb / 2P
MachFlex™ 610 SY, 12C 0.75 mm² Str BC, PVC Ins, PVC Inner Jkt, GSW Brd,PVC Outer Jkt
03-05-2024
More results


Similar Description - H12X4L

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
77905ELW BELDEN-77905ELW Datasheet
146Kb / 2P
KNX, 1PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, Cca
03-14-2023
77905ELV BELDEN-77905ELV Datasheet
146Kb / 2P
KNX, 1PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, B2ca
03-14-2023
77906ELV BELDEN-77906ELV Datasheet
160Kb / 2P
KNX, 2PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, B2ca
03-14-2023
77906ELW BELDEN-77906ELW Datasheet
159Kb / 2P
KNX, 2PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, Cca
03-14-2023
8471NH BELDEN-8471NH Datasheet
151Kb / 2P
Electronic, 2 C #16 Str TC, LSZH Ins, LSZH Jkt
03-04-2023
8457MN BELDEN-8457MN Datasheet
185Kb / 2P
SpaceMaker™, 12 C #22 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
9457MN BELDEN-9457MN Datasheet
185Kb / 2P
SpaceMaker™, 12 C #20 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8466MN BELDEN-8466MN Datasheet
185Kb / 2P
SpaceMaker™, 12 C #18 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
50441148U BELDEN-50441148U Datasheet
148Kb / 2P
Speaker Cable, 4C 4mm² Str BC, LSZH Jkt
11-09-2022
50441149U BELDEN-50441149U Datasheet
148Kb / 2P
Speaker Cable, 4C 6mm² Str BC, LSZH Jkt
09-29-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com