Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UHD111A-FKA Datasheet (PDF) - Cree LED

UHD111A-FKA Datasheet PDF - Cree LED
Part # UHD111A-FKA
Download  UHD111A-FKA Download
File Size   805.96 Kbytes
Page   11 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description UHD111A-FKA: RGB SMD LED

UHD111A-FKA Datasheet (PDF)

Go To PDF Page Download Datasheet
UHD111A-FKA Datasheet PDF - Cree LED

Part # UHD111A-FKA
Download  UHD111A-FKA Click to download

File Size   805.96 Kbytes
Page   11 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description UHD111A-FKA: RGB SMD LED

UHD111A-FKA Datasheet (HTML) - Cree LED


UHD111A-FKA Product details

PRODUCT DESCRIPTION
The UHD111A full-color RGB LED offers
a high-intensity light output and a wide
viewing angle. The compact 1.0mm x
1.0mm package allows for a very high
resolution screen and is designed to work
in a wide array of environmental conditions.
Cree LED full-color RGB LEDs are suited for
indoor video screen, decorative lighting and
amusement applications.
.
FEATURES
• Size (mm): 1.0 x 1.0
• Dominant Wavelength
Red (617 - 622nm)
Green (524 - 528nm)
Blue (465 - 469nm)
• Luminous Intensity (mcd)
Red (29-38)@ 5mA
Green (51-66.5)@ 3mA
Blue (10.7-14)@ 3mA
• Moisture Sensitivity Level: 5a
• Lead-Free
• RoHS Compliant
• Matte Surface
• High contrast
APPLICATIONS
• Full-Color Video Screen
• Decorative Lighting
• Amusement




Similar Part No. - UHD111A-FKA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
UHD1110-FKA CREE-UHD1110-FKA Datasheet
1Mb / 11P
Cree짰 RGB SMD LED
More results


Similar Description - UHD111A-FKA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMRGB343-ST-UV-RS VISHAY-VLMRGB343-ST-UV-RS Datasheet
222Kb / 9P
Multi SMD LED RGB
20-Apr-09
logo
List of Unclassifed Man...
QBLP650-RGB ETC1-QBLP650-RGB Datasheet
616Kb / 10P
SMD 1210 RGB LED
logo
Vishay Siliconix
VLMRGB6112-00-GS08 VISHAY-VLMRGB6112-00-GS08 Datasheet
214Kb / 9P
Multi SMD LED RGB
14-Jun-16
VLMRGB6112 VISHAY-VLMRGB6112 Datasheet
214Kb / 9P
Multi SMD LED RGB
14-Jun-16
VLMRGB343 VISHAY-VLMRGB343 Datasheet
186Kb / 7P
Multi SMD LED RGB
18-Sep-14
logo
WORLDSEMI CO., LIMITED
WS-5050RGB WORLDSEMI-WS-5050RGB Datasheet
299Kb / 5P
RGB SMD LED
logo
Cree, Inc
UHD1110-FKA CREE-UHD1110-FKA Datasheet
1Mb / 11P
Cree짰 RGB SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
VLMRGB343-ST-UV-RS TO-GRACE-VLMRGB343-ST-UV-RS Datasheet
685Kb / 7P
Multi SMD LED RGB
VLMRGB6112-00-GS08 TO-GRACE-VLMRGB6112-00-GS08 Datasheet
785Kb / 9P
Multi SMD LED RGB
logo
Vishay Siliconix
VLMRGB6112 VISHAY-VLMRGB6112_V02 Datasheet
208Kb / 9P
Multi SMD LED RGB
12-Apr-17
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com