Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19G1.0G8U100M Datasheet (PDF) - Belden Inc.

19G1.0G8U100M Datasheet PDF - Belden Inc.
Part # 19G1.0G8U100M
Download  19G1.0G8U100M Download
File Size   157.82 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 350YY, 18C1G 1 mm² Str BC, PVC Ins, PVC Jkt

19G1.0G8U100M Datasheet (PDF)

Go To PDF Page Download Datasheet
19G1.0G8U100M Datasheet PDF - Belden Inc.

Part # 19G1.0G8U100M
Download  19G1.0G8U100M Click to download

File Size   157.82 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 350YY, 18C1G 1 mm² Str BC, PVC Ins, PVC Jkt

19G1.0G8U100M Datasheet (HTML) - Belden Inc.


19G1.0G8U100M Product details

Product Description
MachFlex™ 350YY Control VDE Certified, 18 Conductor + 1 Ground 1 mm² Stranded Bare Copper, PVC Insulation, PVC Jacket




Similar Part No. - 19G1.0G8U100M

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
19G0.5 BELDEN-19G0.5 Datasheet
158Kb / 2P
MachFlex™ 350YY, 18C1G 0.5 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
19G0.5-010100M BELDEN-19G0.5-010100M Datasheet
158Kb / 2P
MachFlex™ 350YY, 18C1G 0.5 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
19G0.5-010200M BELDEN-19G0.5-010200M Datasheet
158Kb / 2P
MachFlex™ 350YY, 18C1G 0.5 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
19G0.5-010300M BELDEN-19G0.5-010300M Datasheet
158Kb / 2P
MachFlex™ 350YY, 18C1G 0.5 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
19G0.5-F2V200M BELDEN-19G0.5-F2V200M Datasheet
158Kb / 2P
MachFlex™ 350YY, 18C1G 0.5 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
More results


Similar Description - 19G1.0G8U100M

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7200A BELDEN-7200A Datasheet
236Kb / 3P
MachFlex?? 1 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7201A BELDEN-7201A Datasheet
238Kb / 3P
MachFlex?? 2 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7202A BELDEN-7202A Datasheet
241Kb / 3P
MachFlex?? 3 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7203A BELDEN-7203A Datasheet
248Kb / 3P
MachFlex?? 4 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
9740 BELDEN-9740 Datasheet
180Kb / 2P
Electronic, 1 PR #18 Str TC, PVC Ins, PVC Jkt, CMG
04-14-2023
MRTA1P23U BELDEN-MRTA1P23U Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 1 Pr 23 AWG Str TC, ETFE Ins, PVC Outer Jkt
02-07-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
32P1620 BELDEN-32P1620 Datasheet
149Kb / 2P
Inst PVC/PVC, 20 Pr #16 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V
04-14-2023
1034A BELDEN-1034A Datasheet
154Kb / 2P
Inst, 1 Tri #16 Str BC, PVC Ins E1, Blk PVC Jkt, 300V PLTC ITC CMG
12-16-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com