Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87621-Q1 Datasheet (PDF) - Texas Instruments

LP87621-Q1 Datasheet PDF - Texas Instruments
Part # LP87621-Q1
Download  LP87621-Q1 Download
File Size   1125.81 Kbytes
Page   21 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LP8762-Q1 Four-Phase, 12A Buck Converter With Integrated Switches

LP87621-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP87621-Q1 Datasheet PDF - Texas Instruments

Part # LP87621-Q1
Download  LP87621-Q1 Click to download

File Size   1125.81 Kbytes
Page   21 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LP8762-Q1 Four-Phase, 12A Buck Converter With Integrated Switches

LP87621-Q1 Datasheet (HTML) - Texas Instruments


LP87621-Q1 Product details

1 Features
• AEC-Q100 qualified with the following results:
– Input voltage: 2.8V to 5.5V
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
– Device HBM ESD classification Level 2
– Device CDM ESD classification Level C4B
• Functional safety-compliant
– Developed for functional safety applications
– Documentation available to aid ISO 26262
system design up to ASIL-D
– Documentation available to aid IEC 61508
system design up to SIL-3
– Systematic capability up to ASIL-D
– Hardware integrity up to ASIL-D
– Windowed voltage and over-current monitors
– Watchdog with selectable trigger / Q&A mode
– Level or PWM error signal monitoring (ESM)
– Thermal monitoring with high temperature
warning and thermal shutdown
– Bit-integrity (CRC) error detection on
configuration registers and non-volatile memory
• Four high-efficiency step-down DC/DC converters:
– Output voltage: 0.3V to 3.34V (0.3V to 1.9V for
multi-phase outputs)
– Maximum output current: 3A per phase, up to
12A with 4-phase configuration
– Programmable output voltage slew-rate:
0.5mV/μs to 33mV/μs
– Switching frequency: 2.2MHz or 4.4MHz
• Ten configurable general purpose I/O (GPIO)
• SPMI interface for multi-PMIC synchronization
• Input overvoltage monitor (OVP) and undervoltage
lockout (UVLO)

2 Applications
• Advanced driver assistance systems (ADAS)
• Front camera
• Surround view system ECU
• Long range radar
• Sensor fusion
• Domain controller

3 Description
The LP8762-Q1 device is designed to meet the power
management requirements of the latest processors
and platforms in various safety-relevant automotive
and industrial applications. The device has four stepdown
DC/DC converter cores, that are configurable
for five different phase configurations from one 4-
phase output to four 1-phase outputs. The device
settings can be changed by I2C-compatible serial
interface or by a SPI serial interface.
The automatic PFM/PWM (AUTO mode) operation
together with the automatic phase adding and phase
shedding maximizes efficiency over a wide outputcurrent
range. The LP8762-Q1 device supports
remote differential voltage sensing for multiphase
outputs to compensate IR drop between the regulator
output and the point-of-load (POL) that improves the
accuracy of the output voltage. The switching clock
can be forced to PWM mode and the phases are
interleaved. The switching can be synchronized to
an external clock and spread-spectrum mode can be
enabled to minimize the disturbances.




Similar Part No. - LP87621-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87621-Q1 TI2-LP87621-Q1 Datasheet
1Mb / 21P
LP8762-Q1 Four-Phase, 12A Buck Converter With Integrated Switches
OCTOBER 2024
More results


Similar Description - LP87621-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87561I-Q1 TI1-LP87561I-Q1 Datasheet
988Kb / 75P
Four-Phase 16-A Buck Converter With Integrated Switches
LP87521-Q1 TI1-LP87521-Q1_V02 Datasheet
3Mb / 94P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
LP8764-Q1 TI-LP8764-Q1 Datasheet
1,011Kb / 38P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
LP87521-Q1 TI-LP87521-Q1_V03 Datasheet
3Mb / 94P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
LP8764-Q1 TI-LP8764-Q1_V01 Datasheet
10Mb / 306P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
MARCH 2022
LP87521-Q1 TI-LP87521-Q1_V05 Datasheet
2Mb / 95P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
MARCH 2018
LP8764-Q1 TI-LP8764-Q1_V02 Datasheet
10Mb / 307P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
MARCH 2022
LP87521-Q1 TI-LP87521-Q1_V06 Datasheet
2Mb / 95P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
MARCH 2018
LP8764-Q1 TI-LP8764-Q1_V03 Datasheet
10Mb / 307P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
MARCH 2022
LP87521-Q1 TI1-LP87521-Q1_V07 Datasheet
2Mb / 95P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
MARCH 2018
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com