Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTMUXHS4612RET Datasheet (PDF) - Texas Instruments

XTMUXHS4612RET Datasheet PDF - Texas Instruments
Part # XTMUXHS4612RET
Download  XTMUXHS4612RET Download
File Size   1236.22 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUXHS4612 6-Channel 20Gbps Differential 2:1 Mux / 1:2 Demux

XTMUXHS4612RET Datasheet (PDF)

Go To PDF Page Download Datasheet
XTMUXHS4612RET Datasheet PDF - Texas Instruments

Part # XTMUXHS4612RET
Download  XTMUXHS4612RET Click to download

File Size   1236.22 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUXHS4612 6-Channel 20Gbps Differential 2:1 Mux / 1:2 Demux

XTMUXHS4612RET Datasheet (HTML) - Texas Instruments


XTMUXHS4612RET Product details

1 Features
• Supports HDMI 1.4b/2.0/2.1 up to 12Gbps,
DisplayPort 1.4/2.1 up to UHBR20
• Data rate support up to 20Gbps
• High-speed path supports wide common-mode
voltage range (0V to VCC)
• Low RON of 8.0Ω typical for high-speed data pins
• –3dB differential BW of 15GHz for high-speed data
pins
• Excellent dynamic characteristics at 10GHz:
– Insertion loss: –2.4dB
– Return loss: –14dB
– Cross talk: –35dB
• All sideband signals can pass-thru up to 5V levels
and are 5.5V tolerant
• Support 1.8V and 3.3V control logic
• Single supply voltage of 3.3V
• Low active (750μA) and standby power (30μA)
• IOFF protection that prevents current leakage when
supply rail collapsed (VCC = 0V)
• Temperature range: –40°C to 125°C
• 40-pin, 3mm × 6mm, 0.4mm pitch WQFN package

2 Applications
• PC and notebooks
• Gaming, Home theater & entertainment and TV
• Data center and enterprise computing
• Medical applications
• Test and measurements
• Factory automation and control
• Aerospace and defense
• Electronic point of sale (EPOS)
• Wireless infrastructure

3 Description
The TMUXHS4612 is a high-speed bidirectional
passive switch in mux or demux configurations.
The device is protocol agnostic supporting many
applications including HDMI 1.4 / 2.0 / 2.1 and
DisplayPort 1.4 / 2.1. The TMUXHS4612 is a generic
analog differential passive mux or demux that
works for many high-speed differential interfaces with
data rates up to 20Gbps. The TMUXHS4612 highspeed
channels support differential signaling and
single-ended signaling as long as the single-ended
signals do not violate VP-N_ABSMAX parameter. The
sideband channels are 5V tolerant and support singleended
and differential signaling such as I2C, UART,
DisplayPort AUX, and USB2, just to name few.
The high-speed channel's dynamic characteristics
allows high speed switching with minimal attenuation
to the signal eye diagram and with very little
added jitter. The silicon design of the device is
optimized for excellent frequency response at higher
frequency spectrum of the signals. The device
supports differential signaling with common-mode
voltage range (CMV) of 0V to 3.6V in the Dxx
datapaths.
The TMUXHS4612 consumes very low active power
of 750μA. The device also offers a power-down mode
in which all channels become Hi-Z and the device
operates with minimal power of just 30μA.




Similar Part No. - XTMUXHS4612RET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTMUXHS4212RKSR TI1-XTMUXHS4212RKSR Datasheet
4Mb / 26P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
More results


Similar Description - XTMUXHS4612RET

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
One Channel Differential 2:1 Mux/Demux
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
One Channel Differential 2:1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Texas Instruments
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com