Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1853476 Datasheet (PDF) - PHOENIX CONTACT

1853476 Datasheet PDF - PHOENIX CONTACT
Part # 1853476
Download  1853476 Download
File Size   418.08 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VC-TFS 6 - Contact insert

1853476 Datasheet (PDF)

Go To PDF Page Download Datasheet
1853476 Datasheet PDF - PHOENIX CONTACT

Part # 1853476
Download  1853476 Click to download

File Size   418.08 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VC-TFS 6 - Contact insert

1853476 Datasheet (HTML) - PHOENIX CONTACT


1853476 Product details

Contact insert, Range of articles: VARIOCON, housing material: Polyamide, color: light grey, number of
positions: 6, min. conductor cross section: 0.14 mm2, max. conductor cross section: 1.5 mm2, rated
voltage: 250, rated current: 10 A, Connection method: Screw connection, Contact connection type:
Socket, Connectors may only be connected/disconnected when under no load.

Your advantages
• Proven COMBICON technology
• Universal connection
• Can be keyed to prevent incorrect connection




Similar Part No. - 1853476

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
1853466 KINGBRIGHT-1853466 Datasheet
232Kb / 5P
3. 0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
V.3B
logo
PHOENIX CONTACT
1853489 PHOENIX-1853489 Datasheet
77Kb / 3P
Panel mounting frames - VC-AR1S2-PE
1853492 PHOENIX-1853492 Datasheet
82Kb / 3P
Panel mounting frames - VC-AR2S2-PE
More results


Similar Description - 1853476

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1583513 PHOENIX-1583513 Datasheet
82Kb / 4P
Contact insert - VC-TFS 2-PE
1583526 PHOENIX-1583526 Datasheet
87Kb / 4P
Contact insert - VC-TFS 6-PE
1583536 PHOENIX-1583536 Datasheet
88Kb / 4P
Contact insert - VC-TFS 8-PE
1583555 PHOENIX-1583555 Datasheet
87Kb / 4P
Contact insert - VC-AMS 6-PE
1607460 PHOENIX-1607460 Datasheet
73Kb / 3P
VC-TFS 4
1607474 PHOENIX-1607474 Datasheet
92Kb / 4P
VC-TFS 5-PEA
1607481 PHOENIX-1607481 Datasheet
78Kb / 4P
Contact insert - VC-TFS 7-PEA
1607502 PHOENIX-1607502 Datasheet
60Kb / 4P
Contact insert - VC-TFS 5/1M-PEA
1607523 PHOENIX-1607523 Datasheet
78Kb / 5P
Contact insert - VC-AML 5
1852846 PHOENIX-1852846 Datasheet
86Kb / 6P
Contact insert - VC-TFS 2
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com