Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1853528 Datasheet (PDF) - PHOENIX CONTACT

1853528 Datasheet PDF - PHOENIX CONTACT
Part # 1853528
Download  1853528 Download
File Size   375.46 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VC-AMS 2 - Contact insert

1853528 Datasheet (PDF)

Go To PDF Page Download Datasheet
1853528 Datasheet PDF - PHOENIX CONTACT

Part # 1853528
Download  1853528 Click to download

File Size   375.46 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VC-AMS 2 - Contact insert

1853528 Datasheet (HTML) - PHOENIX CONTACT


1853528 Product details

Contact insert, Range of articles: VARIOCON, housing material: Polyamide, color: light grey, number
of positions: 2, min. conductor cross section: 0.25 mm2, max. conductor cross section: 4 mm2, rated
voltage: 400, rated current: 20 A, Connection method: Screw connection, Contact connection type:
Pin, Connectors may only be connected/disconnected when under no load.

Your advantages
• Proven COMBICON technology
• Universal connection
• Can be keyed to prevent incorrect connection




Similar Part No. - 1853528

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1853502 PHOENIX-1853502 Datasheet
82Kb / 3P
Panel mounting frames - VC-AR3S2-PE
1853515 PHOENIX-1853515 Datasheet
83Kb / 3P
Panel mounting frames - VC-AR4S2-PE
1853531 PHOENIX-1853531 Datasheet
475Kb / 10P
VC-AML 6 - Contact insert
1853573 PHOENIX-1853573 Datasheet
39Kb / 1P
Housing - VC-AR5/6M
1853586 PHOENIX-1853586 Datasheet
39Kb / 1P
Sleeve frame - VC-TR5/6M
More results


Similar Description - 1853528

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1583513 PHOENIX-1583513 Datasheet
82Kb / 4P
Contact insert - VC-TFS 2-PE
1583542 PHOENIX-1583542 Datasheet
83Kb / 4P
Contact insert - VC-AMS 2-PE
1583555 PHOENIX-1583555 Datasheet
87Kb / 4P
Contact insert - VC-AMS 6-PE
1583568 PHOENIX-1583568 Datasheet
90Kb / 4P
Contact insert - VC-AMS 8-PE
1607751 PHOENIX-1607751 Datasheet
76Kb / 5P
Contact insert - VC-AMS 7
1852859 PHOENIX-1852859 Datasheet
95Kb / 5P
Contact insert - VC-AML 2
1855814 PHOENIX-1855814 Datasheet
57Kb / 3P
Contact insert - VC-TFOS 2
1884979 PHOENIX-1884979 Datasheet
65Kb / 4P
Contact insert - VC-AMLV 2
1885240 PHOENIX-1885240 Datasheet
58Kb / 3P
Contact insert - VC-AFOS 2
1852846 PHOENIX-1852846 Datasheet
86Kb / 6P
Contact insert - VC-TFS 2
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com