Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1854019 Datasheet (PDF) - PHOENIX CONTACT

1854019 Datasheet PDF - PHOENIX CONTACT
Part # 1854019
Download  1854019 Download
File Size   422.24 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VC-AMS 6 - Contact insert

1854019 Datasheet (PDF)

Go To PDF Page Download Datasheet
1854019 Datasheet PDF - PHOENIX CONTACT

Part # 1854019
Download  1854019 Click to download

File Size   422.24 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VC-AMS 6 - Contact insert

1854019 Datasheet (HTML) - PHOENIX CONTACT


1854019 Product details

Contact insert, Range of articles: VARIOCON, housing material: Polyamide, color: light grey,
number of positions: 6, min. conductor cross section: 0.14 mm2, max. conductor cross section: 1.
5 mm2, rated voltage: 250, rated current: 10 A, Connection method: Screw connection, Contact
connection type: Pin, Connectors may only be connected/disconnected when under no load.

Your advantages
• Proven COMBICON technology
• Universal connection
• Can be keyed to prevent incorrect connection




Similar Part No. - 1854019

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1854006 PHOENIX-1854006 Datasheet
49Kb / 3P
Half screw connection - VC-M-KV-PG21( 9-13)
logo
TE Connectivity Ltd
185402-1 TEC-185402-1 Datasheet
131Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
185402-2 TEC-185402-2 Datasheet
131Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
185402-3 TEC-185402-3 Datasheet
131Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
PHOENIX CONTACT
1854022 PHOENIX-1854022 Datasheet
385Kb / 8P
VC-AMS 8 - Contact insert
More results


Similar Description - 1854019

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1583526 PHOENIX-1583526 Datasheet
87Kb / 4P
Contact insert - VC-TFS 6-PE
1583542 PHOENIX-1583542 Datasheet
83Kb / 4P
Contact insert - VC-AMS 2-PE
1583555 PHOENIX-1583555 Datasheet
87Kb / 4P
Contact insert - VC-AMS 6-PE
1583568 PHOENIX-1583568 Datasheet
90Kb / 4P
Contact insert - VC-AMS 8-PE
1607523 PHOENIX-1607523 Datasheet
78Kb / 5P
Contact insert - VC-AML 5
1607745 PHOENIX-1607745 Datasheet
101Kb / 4P
VC-AMS 4
1607748 PHOENIX-1607748 Datasheet
83Kb / 4P
VC-AMS 5
1607751 PHOENIX-1607751 Datasheet
76Kb / 5P
Contact insert - VC-AMS 7
1852859 PHOENIX-1852859 Datasheet
95Kb / 5P
Contact insert - VC-AML 2
1855814 PHOENIX-1855814 Datasheet
57Kb / 3P
Contact insert - VC-TFOS 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com