Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1441AV33 Datasheet (PDF) - Cypress Semiconductor

CY7C1441AV33 Datasheet PDF - Cypress Semiconductor
Part # CY7C1441AV33
Download  CY7C1441AV33 Download
File Size   572.31 Kbytes
Page   31 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM

CY7C1441AV33 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1441AV33 Datasheet PDF - Cypress Semiconductor

Part # CY7C1441AV33
Download  CY7C1441AV33 Click to download

File Size   572.31 Kbytes
Page   31 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM

CY7C1441AV33 Datasheet (HTML) - Cypress Semiconductor


CY7C1441AV33 Product details

Functional Description
The CY7C1441AV33/CY7C1443AV33/CY7C1447AV33[1] are 3.3 V, 1 M × 36/2 M × 18/512 K × 72 Synchronous Flow-through SRAMs, respectively designed to interface with high-speed microprocessors with minimum glue logic. Maximum access delay from clock rise is 6.5 ns (133-MHz version). A 2-bit on-chip counter captures the first address in a burst and increments the address automatically for the rest of the burst access.

Features
■ Supports 133-MHz bus operations
■ 1 M × 36/2 M × 18/512 K × 72 common IO
■ 3.3 V core power supply
■ 2.5 V or 3.3 V IO power supply
■ Fast clock-to-output times
   ❐ 6.5 ns (133-MHz version)
■ Provide high-performance 2-1-1-1 access rate
■ User-selectable burst counter supporting Intel® Pentium® interleaved or linear burst sequences
■ Separate processor and controller address strobes
■ Synchronous self-timed write
■ Asynchronous output enable
■ CY7C1441AV33, CY7C1443AV33 available in
   JEDEC-standard Pb-free 100-pin TQFP package, Pb-free and
   non Pb-free 165-ball FBGA package. CY7C1447AV33
   available in Pb-free and non Pb-free 209-ball FBGA package
■ IEEE 1149.1 JTAG-Compatible Boundary Scan
■ “ZZ” Sleep Mode option




Similar Part No. - CY7C1441AV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
1Mb / 34P
36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
CY7C1441AV33-133AXC CYPRESS-CY7C1441AV33-133AXC Datasheet
1Mb / 34P
36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
CY7C1441AV33-133AXC CYPRESS-CY7C1441AV33-133AXC Datasheet
986Kb / 34P
36-Mbit (1 M x 36) Flow-Through SRAM
CY7C1441AV33-133AXI CYPRESS-CY7C1441AV33-133AXI Datasheet
1Mb / 34P
36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
CY7C1441AV33-133AXI CYPRESS-CY7C1441AV33-133AXI Datasheet
986Kb / 34P
36-Mbit (1 M x 36) Flow-Through SRAM
More results


Similar Description - CY7C1441AV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33 Datasheet
392Kb / 27P
36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33_06 Datasheet
581Kb / 31P
36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1481V33 CYPRESS-CY7C1481V33_07 Datasheet
1Mb / 30P
72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com