Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STQ-WG-08025-F1-A-R Datasheet (PDF) - Eravant

STQ-WG-08025-F1-A-R Datasheet PDF - Eravant
Part # STQ-WG-08025-F1-A-R
Download  STQ-WG-08025-F1-A-R Download
File Size   269.31 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-08 Proxi-Flange™ Contactless Flange Straight Waveguide Section, 2.0"

STQ-WG-08025-F1-A-R Datasheet (PDF)

Go To PDF Page Download Datasheet
STQ-WG-08025-F1-A-R Datasheet PDF - Eravant

Part # STQ-WG-08025-F1-A-R
Download  STQ-WG-08025-F1-A-R Click to download

File Size   269.31 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-08 Proxi-Flange™ Contactless Flange Straight Waveguide Section, 2.0"

STQ-WG-08025-F1-A-R Datasheet (HTML) - Eravant


STQ-WG-08025-F1-A-R Product details

FEATURES
Frequency Range: 90 to 140 GHz
Contactless Connection
Rugged Waveguide Configuration
Low Insertion Loss
High Return Loss
APPLICATIONS
Test Instrumentation
Automatic Test Setup
Volume Production Testing




Similar Part No. - STQ-WG-08025-F1-A-R

ManufacturerPart #DatasheetDescription
logo
Eravant
STQ-WG-08025-FB-CF ERAVANT-STQ-WG-08025-FB-CF Datasheet
480Kb / 4P
WR-08 Proxi-Flange™ Contactless Flange Straight Waveguide Section
Rev 1.5
More results


Similar Description - STQ-WG-08025-F1-A-R

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W51S001-3 PASTERNACK-PE-W51S001-3 Datasheet
413Kb / 4P
WR-51 Instrumentation Grade Straight Waveguide Section 3 Inch
PE-W51S001-6 PASTERNACK-PE-W51S001-6 Datasheet
414Kb / 4P
WR-51 Instrumentation Grade Straight Waveguide Section 6 Inch Length with R180 Flange Operating from 15 GHz to 22 GHz
PE-W75S001-3 PASTERNACK-PE-W75S001-3 Datasheet
305Kb / 2P
WR-75 Commercial Grade Straight Waveguide Section 3 Inch Length with UBR120 Flange Operating from 10 GHz to 15 GHz
PE-W75S001-9 PASTERNACK-PE-W75S001-9 Datasheet
304Kb / 2P
WR-75 Commercial Grade Straight Waveguide Section 9 Inch Length with UBR120 Flange Operating from 10 GHz to 15 GHz
PE-W75SF005-12 PASTERNACK-PE-W75SF005-12 Datasheet
392Kb / 4P
WR-75 Flexible Straight Waveguide Section 12 Inch Length with Square Cover Flange Operating from 10 GHz to 15 GHz
PE-W90SF006-12 PASTERNACK-PE-W90SF006-12 Datasheet
416Kb / 4P
WR-90 Flexible Straight Waveguide Section 12 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W112SF006-12 PASTERNACK-PE-W112SF006-12 Datasheet
416Kb / 4P
WR-112 Flexible Straight Waveguide Section 12 Inch Length with CPR-112G Flange Operating from 7.05 GHz to 10 GHz
PE-W112SF006-24 PASTERNACK-PE-W112SF006-24 Datasheet
416Kb / 4P
WR-112 Flexible Straight Waveguide Section 24 Inch Length with CPR-112G Flange Operating from 7.05 GHz to 10 GHz
PE-W112SF006-36 PASTERNACK-PE-W112SF006-36 Datasheet
416Kb / 4P
WR-112 Flexible Straight Waveguide Section 36 Inch Length with CPR-112G Flange Operating from 7.05 GHz to 10 GHz
PEWTS1005 PASTERNACK-PEWTS1005 Datasheet
385Kb / 3P
WR-90 to WR-75 Waveguide Transition 3 Inch Length, CPR-90G Grooved Flange to Square Cover Flange
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com