Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1484V25 Datasheet (PDF) - Cypress Semiconductor

CY7C1484V25 Datasheet PDF - Cypress Semiconductor
Part # CY7C1484V25
Download  CY7C1484V25 Download
File Size   1152.22 Kbytes
Page   26 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM

CY7C1484V25 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1484V25 Datasheet PDF - Cypress Semiconductor

Part # CY7C1484V25
Download  CY7C1484V25 Click to download

File Size   1152.22 Kbytes
Page   26 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM

CY7C1484V25 Datasheet (HTML) - Cypress Semiconductor


CY7C1484V25 Product details

72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM

Features
• Supports bus operation up to 250 MHz
• Available speed grades are 250, 200, and 167 MHz
• Registered inputs and outputs for pipelined operation
• Optimal for performance (double cycle deselect)
• Depth expansion without wait state
• 2.5V core power supply (VDD)
• 2.5V/1.8V IO supply (VDDQ)
• Fast clock-to-output times
   — 3.0 ns (for 250-MHz device)
• Provide high performance 3-1-1-1 access rate
• User selectable burst counter supporting Intel®
   Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self timed writes
• Asynchronous output enable
• CY7C1484V25, CY7C1485V25 available in JEDEC
   standard Pb-free 100-pin TQFP, Pb-free and non-Pb-free
   165-ball FBGA package
• IEEE 1149.1 JTAG-Compatible Boundary Scan
• “ZZ” Sleep Mode option




Similar Part No. - CY7C1484V25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1484V33 CYPRESS-CY7C1484V33 Datasheet
507Kb / 29P
2M x 36/4M x 18 Pipelined DCD SRAM
CY7C1484V33 CYPRESS-CY7C1484V33 Datasheet
1Mb / 26P
72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1484V33-167AC CYPRESS-CY7C1484V33-167AC Datasheet
507Kb / 29P
2M x 36/4M x 18 Pipelined DCD SRAM
CY7C1484V33-167AXC CYPRESS-CY7C1484V33-167AXC Datasheet
1Mb / 26P
72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1484V33-167AXI CYPRESS-CY7C1484V33-167AXI Datasheet
1Mb / 26P
72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
More results


Similar Description - CY7C1484V25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1484V33 CYPRESS-CY7C1484V33 Datasheet
507Kb / 29P
2M x 36/4M x 18 Pipelined DCD SRAM
CY7C1480V33 CYPRESS-CY7C1480V33 Datasheet
398Kb / 30P
72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25 Datasheet
1Mb / 32P
72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25_06 Datasheet
578Kb / 31P
72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1484V33 CYPRESS-CY7C1484V33_07 Datasheet
1Mb / 26P
72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33 Datasheet
974Kb / 34P
72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com