Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68053 Datasheet (PDF) - Cypress Semiconductor

CY7C68053 Datasheet PDF - Cypress Semiconductor
Part # CY7C68053
Download  CY7C68053 Download
File Size   1090.13 Kbytes
Page   39 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description MoBL-USB??FX2LP18 USB Microcontroller

CY7C68053 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C68053 Datasheet PDF - Cypress Semiconductor

Part # CY7C68053
Download  CY7C68053 Click to download

File Size   1090.13 Kbytes
Page   39 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description MoBL-USB??FX2LP18 USB Microcontroller

CY7C68053 Datasheet (HTML) - Cypress Semiconductor


CY7C68053 Product details

MoBL-USB™ FX2LP18 USB Microcontroller

Cypress Semiconductor Corporation’s MoBL-USB™ FX2LP18 (CY7C68053) is a low voltage (1.8 V) version of the EZ-USB® FX2LP (CY7C68013A), which is a highly integrated, low power USB 2.0 microcontroller. By integrating the USB 2.0 transceiver, serial interface engine (SIE), enhanced 8051 microcontroller, and a programmable peripheral interface in a single chip, Cypress has created a very cost effective solution that provides superior time-to-market advantages with low power to enable bus powered applications.

Features
■ USB 2.0 9 V USB-IF high speed and full speed compliant (TID# 40000188)
■ Single-chip integrated USB 2.0 transceiver, smart SIE, and enhanced 8051 microprocessor
■ Ideal for mobile applications (cell phone, smart phones, PDAs, MP3 players)
   ❐ Ultra low power
   ❐ Suspend current: 20 µA (typical)
■ Software: 8051 Code runs from:
   ❐ Internal RAM, which is loaded from EEPROM
■ 16 kBytes of on-chip code/data RAM
■ Four programmable BULK/INTERRUPT/ISOCHRONOUS endpoints
   ❐ Buffering options: double, triple, and quad
■ Additional Programmable (BULK/INTERRUPT) 64-Byte Endpoint
■ 8 or 16-Bit External Data Interface
■ Smart Media Standard ECC Generation
■ GPIF (General Programmable Interface)
   ❐ Allows direct connection to most parallel interface
   ❐ Programmable waveform descriptors and configuration registers to define waveforms
   ❐ Supports multiple Ready and Control outputs
■ Integrated, Industry Standard Enhanced 8051
   ❐ 48 MHz, 24 MHz, or 12 MHz CPU operation
   ❐ Four clocks per instruction cycle
   ❐ Three counter/timers
   ❐ Expanded interrupt system
   ❐ Two data pointers
■ 1.8 V Core Operation
■ 1.8 V to 3.3 V I/O Operation
■ Vectored USB Interrupts and GPIF/FIFO Interrupts
■ Separate Data Buffers for Setup and Data Portions of a CONTROL Transfer
■ Integrated I2C Controller, runs at 100 or 400 kHz
■ Four Integrated FIFOs
   ❐ Integrated glue logic and FIFOs lower system cost
   ❐ Automatic conversion to and from 16-bit buses
   ❐ Master or slave operation
   ❐ Uses external clock or asynchronous strobes
   ❐ Easy interface to ASIC and DSP ICs
■ Available in Industrial Temperature Grade
■ Available in one Pb-free Package with up to 24 GPIOs
   ❐ 56-pin VFBGA (24 GPIOs)




Similar Part No. - CY7C68053

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68053 CYPRESS-CY7C68053 Datasheet
1Mb / 42P
MoBL-USB??FX2LP18 USB Microcontroller
CY7C68053-56BAXI CYPRESS-CY7C68053-56BAXI Datasheet
1Mb / 40P
MoBL-USB FX2LP18 USB Microcontroller
CY7C68053-56BAXI CYPRESS-CY7C68053-56BAXI Datasheet
1Mb / 42P
MoBL-USB??FX2LP18 USB Microcontroller
CY7C68053 CYPRESS-CY7C68053_09 Datasheet
1Mb / 40P
MoBL-USB FX2LP18 USB Microcontroller
More results


Similar Description - CY7C68053

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
EZ-USB FX2LP USB Microcontroller
CY7C68000A CYPRESS-CY7C68000A Datasheet
598Kb / 14P
MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68013A CYPRESS-CY7C68013A_06 Datasheet
3Mb / 60P
EZ-USB FX2LP??USB Microcontroller
CY7C68000A CYPRESS-CY7C68000A_08 Datasheet
474Kb / 15P
MoBL-USB??TX2 USB 2.0 UTMI Transceiver
CY7C68003 CYPRESS-CY7C68003 Datasheet
160Kb / 5P
MoBL-USB TX2UL USB 2.0 ULPI Transceiver
CY7C68053 CYPRESS-CY7C68053_09 Datasheet
1Mb / 40P
MoBL-USB FX2LP18 USB Microcontroller
CY7C68000A CYPRESS-CY7C68000A_09 Datasheet
488Kb / 15P
MoBL-USB TX2 USB 2.0 UTMI Transceiver
CY7C68003 CYPRESS-CY7C68003_10 Datasheet
652Kb / 27P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68053 CYPRESS-CY7C68053 Datasheet
1Mb / 42P
MoBL-USB??FX2LP18 USB Microcontroller
CY7C68003 CYPRESS-CY7C68003_13 Datasheet
673Kb / 30P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com