Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY3619 Datasheet (PDF) - Cypress Semiconductor

CY3619 Datasheet PDF - Cypress Semiconductor
Part # CY3619
Download  CY3619 Download
File Size   256.0 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Very Low Jitter Field and Factory Programmable Clock Generator

CY3619 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY3619 Datasheet PDF - Cypress Semiconductor

Part # CY3619
Download  CY3619 Click to download

File Size   256.0 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Very Low Jitter Field and Factory Programmable Clock Generator

CY3619 Datasheet (HTML) - Cypress Semiconductor


CY3619 Product details

General Description
The CY22180 is a low jitter clock generator for use in networking, telecommunication, datacom, consumer electronics, and other general purpose applications. The CY22180 offers a single programmable output and an optional copy of the input frequency. The on-chip reference oscillator is designed to run off a 10–30 MHz crystal, or a 10–133 MHz external clock signal. The output frequency range is 20–200 MHz. The CY22180 comes in an 8-pin SOIC, and requires a 3.3V power supply.

Features
• Low period and cycle-to-cycle jitter
   — Typical pk-pk period jitter: 60 ps
• Wide output frequency range
   — Commercial temperature: 20–200 MHz
   — Industrial temperature: 20–166 MHz
• Input frequency range
   — External crystal: 10–30 MHz fundamental crystal
   — External reference: 10–133 MHz clock
• Integrated phase-locked loop (PLL)
• Field programmable and factory programmed options
• Programmable crystal load capacitor tuning array
• 3.3V operation
• Commercial and industrial temperature ranges
• Power down or output enable function




Similar Part No. - CY3619

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3613 CYPRESS-CY3613 Datasheet
234Kb / 6P
PTG Programming Kit
CY3617 CYPRESS-CY3617 Datasheet
234Kb / 6P
PTG Programming Kit
CY3618 CYPRESS-CY3618 Datasheet
234Kb / 6P
PTG Programming Kit
More results


Similar Description - CY3619

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
Maxim Integrated Produc...
MAX9491 MAXIM-MAX9491 Datasheet
303Kb / 11P
Factory-Programmable, Single PLL Clock Generator
Rev 0; 1/06
logo
Cypress Semiconductor
CY25100 CYPRESS-CY25100_08 Datasheet
372Kb / 13P
Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
Silicon Laboratories
SI51210 SILABS-SI51210 Datasheet
150Kb / 12P
TWO OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
SI51218 SILABS-SI51218 Datasheet
1Mb / 13P
THREE OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
9/15-Rev. B to Rev. C
logo
Skyworks Solutions Inc.
SI51210 SKYWORKS-SI51210 Datasheet
1Mb / 15P
Two Output Factory Programmable Clock Generator
Rev. 1.1
SI51211 SKYWORKS-SI51211 Datasheet
1Mb / 15P
Three Output Factory Programmable Clock Generator
Rev. 1.0
SI51214 SKYWORKS-SI51214 Datasheet
1Mb / 15P
Two Output Factory Programmable Clock Generator
Rev. 1.1
SI51218 SKYWORKS-SI51218 Datasheet
1Mb / 15P
Three Output Factory Programmable Clock Generator
Rev. 1.1
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com