Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22801 Datasheet (PDF) - Cypress Semiconductor

CY22801 Datasheet PDF - Cypress Semiconductor
Part # CY22801
Download  CY22801 Download
File Size   255.47 Kbytes
Page   7 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Universal Programmable Clock Generator (UPCG)

CY22801 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY22801 Datasheet PDF - Cypress Semiconductor

Part # CY22801
Download  CY22801 Click to download

File Size   255.47 Kbytes
Page   7 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Universal Programmable Clock Generator (UPCG)

CY22801 Datasheet (HTML) - Cypress Semiconductor


CY22801 Product details

General Description
The CY22801 is a flash-programmable clock generator that supports various applications in consumer and communications markets. The device uses a Cypress proprietary PLL to drive up to three configurable outputs in an 8-pin SOIC.

Features
■ Integrated Phase-Locked Loop (PLL)
■ Field Programmable
■ Input Frequency Range:
   ❐ Crystal: 8 to 30 MHz
   ❐ CLKIN: 1 to 133 MHz
■ LVCMOS Output Frequency:
   ❐ 1 to 200 MHz (Commercial Grade)
   ❐ 1 to 166.6 MHz (Industrial Grade)
■ Low Jitter, High Accuracy Outputs
■ 3.3V Operation
■ Commercial and Industrial Temperature Ranges
■ 8-Pin SOIC Package

Benefits
■ Inventory of only one device, CY22801, used in various applications
■ In-house programming of sample and prototype quantities is made available using the CY36800 InstaClock kit
■ Input and output frequencies are customized to suit your needs
■ High-performance PLL is tailored for multiple applications
■ Critical timing requirements met in complex system designs
■ Application compatibility enabled




Similar Part No. - CY22801

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801 Datasheet
602Kb / 23P
Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
CY22801FXC CYPRESS-CY22801FXC Datasheet
254Kb / 7P
Universal Programmable Clock Generator
CY22801FXI CYPRESS-CY22801FXI Datasheet
254Kb / 7P
Universal Programmable Clock Generator
CY22801KFXC CYPRESS-CY22801KFXC Datasheet
254Kb / 7P
Universal Programmable Clock Generator
CY22801KFXC CYPRESS-CY22801KFXC Datasheet
602Kb / 23P
Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
More results


Similar Description - CY22801

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
Programmable Clock Generator
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800_07 Datasheet
547Kb / 10P
Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801_09 Datasheet
254Kb / 7P
Universal Programmable Clock Generator
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
CY22801 CYPRESS-CY22801_12 Datasheet
453Kb / 25P
Universal Programmable Clock Generator (UPCG)
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
Programmable Clock Generator
5P49V5925 IDT-5P49V5925_1 Datasheet
413Kb / 27P
Programmable Clock Generator
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com