Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7339 Datasheet (PDF) - PMC-Sierra, Inc

PM7339 Datasheet PDF - PMC-Sierra, Inc
Part # PM7339
Download  PM7339 Download
File Size   45.89 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Quad Cell Delineation Block Device

PM7339 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM7339 Datasheet PDF - PMC-Sierra, Inc

Part # PM7339
Download  PM7339 Click to download

File Size   45.89 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Quad Cell Delineation Block Device

PM7339 Datasheet (HTML) - PMC-Sierra, Inc


PM7339 Product details

FEATURES
• Quad cell delineation device operating up to a maximum rate of 52 Mbit/s.
• Provides a UTOPIA Level 2 compatible ATM-PHY Interface.
• Implements the Physical Layer Convergence Protocol (PLCP) for DS1
   transmission systems according to the ATM Forum User Network Interface
   Specification and ANSI TA-TSY-000773, TA-TSY-000772, and
   E1transmission systems according to the ETSI 300-269 and ETSI 300-270.
• Uses the PMC-Sierra PM4341 T1XC, PM4344 TQUAD, PM6341 E1XC, and
   PM6344 EQUAD T1 and E1 framer/line interface chips for DS1 and E1
   applications.
• Provides programmable pseudo-random test pattern generation, detection,
   and analysis features.
• Provides integral transmit and receive HDLC controllers with 128-byte FIFO
   depths.
• Provides performance monitoring counters suitable for accumulation periods
   of up to 1 second.
• Provides an 8-bit microprocessor interface for configuration, control and
   status monitoring.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board
   test purposes.
• Low power 3.3V CMOS technology with 5V tolerant inputs.
• Available in a high density 256-pin SBGA package (27mm x 27mm).

APPLICATIONS
• ATM Switches, Multiplexers, and Routers
• SMDS Switches, Multiplexers and Routers
• DSLAM
• Integrated Access Devices (IAD)




Similar Part No. - PM7339

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7339 PMC-PM7339 Datasheet
921Kb / 81P
SATURN USER NETWORK INTERFACE CELL DELINEATION BLOCK
PM7339 PMC-PM7339 Datasheet
35Kb / 2P
Quad Cell Delineation Block Device
PM7339-1 PMC-PM7339-1 Datasheet
35Kb / 2P
Quad Cell Delineation Block Device
More results


Similar Description - PM7339

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7339 PMC-PM7339 Datasheet
921Kb / 81P
SATURN USER NETWORK INTERFACE CELL DELINEATION BLOCK
logo
Maxim Integrated Produc...
DS2714 MAXIM-DS2714 Datasheet
211Kb / 12P
Quad Loose Cell NiMH Charger
REV: 080206
logo
Advanced Photonix, Inc.
SD055-23-21-211 ADVANCEDPHOTONIX-SD055-23-21-211 Datasheet
101Kb / 1P
Red Enhanced Quad Cell Silicon Photodiode
SD085-23-21-021 ADVANCEDPHOTONIX-SD085-23-21-021 Datasheet
106Kb / 1P
Red Enhanced Quad Cell Silicon Photodiode
SD118-23-21-021 ADVANCEDPHOTONIX-SD118-23-21-021 Datasheet
106Kb / 1P
Red Enhanced Quad Cell Silicon Photodiode
logo
PMC-Sierra, Inc
PM7339-1 PMC-PM7339-1 Datasheet
35Kb / 2P
Quad Cell Delineation Block Device
logo
PHOENIX CONTACT
3177 PHOENIX-3177 Datasheet
320Kb / 5P
Block device couplers
logo
Luna Innovations Incorp...
PDB-C203 LUNA-PDB-C203 Datasheet
127Kb / 2P
Blue Enhanced Quad-Cell Silicon Photodiode
SD380-23-21-251 LUNA-SD380-23-21-251 Datasheet
133Kb / 2P
Red Enhanced Quad Cell Silicon Photodiode
logo
Maxim Integrated Produc...
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
Quad Loose Cell NiMH Charger
2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com