Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWB-08045L-TB Datasheet (PDF) - Eravant

SWB-08045L-TB Datasheet PDF - Eravant
Part # SWB-08045L-TB
Download  SWB-08045L-TB Download
File Size   276.4 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-08 Waveguide Twist, 45° Left-Handed

SWB-08045L-TB Datasheet (PDF)

Go To PDF Page Download Datasheet
SWB-08045L-TB Datasheet PDF - Eravant

Part # SWB-08045L-TB
Download  SWB-08045L-TB Click to download

File Size   276.4 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-08 Waveguide Twist, 45° Left-Handed

SWB-08045L-TB Datasheet (HTML) - Eravant


SWB-08045L-TB Product details

FEATURES
Frequency Coverage: 90.0 to 140.0 GHz
Rugged Waveguide Configuration
Low Insertion Loss
APPLICATIONS
Test Instrumentation
Sub-assemblies
Lab Use




Similar Part No. - SWB-08045L-TB

ManufacturerPart #DatasheetDescription
logo
Eravant
SWB-08045L-TB-1.0 ERAVANT-SWB-08045L-TB-1.0 Datasheet
271Kb / 2P
WR-08 Waveguide Twist, 45° Left-Handed, 1” Long
Rev 1.2
More results


Similar Description - SWB-08045L-TB

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-457 RHOMBUS-IND-L-457 Datasheet
43Kb / 1P
Left-Handed Winding Direction
9/17/02
L-459 RHOMBUS-IND-L-459 Datasheet
34Kb / 1P
Left-Handed Winding Direction
9/17/02
L-460 RHOMBUS-IND-L-460 Datasheet
32Kb / 1P
Left-Handed Winding Direction
9/17/02
logo
Pasternack Enterprises,...
PE-W10TW1002 PASTERNACK-PE-W10TW1002 Datasheet
414Kb / 3P
WR-10 45 Degree Left-hand Waveguide Twist With a UG-387/U-Mod Flange Operating From 75 GHz to 110 GHz
PE-W12TW1002 PASTERNACK-PE-W12TW1002 Datasheet
413Kb / 3P
WR-12 45 Degree Left-hand Waveguide Twist With a UG-387/U Flange Operating From 60 GHz to 90 GHz
PE-W15TW1002 PASTERNACK-PE-W15TW1002 Datasheet
412Kb / 3P
WR-15 45 Degree Left-hand Waveguide Twist With a UG-385/U Flange Operating From 50 GHz to 75 GHz
PE-W19TW1002 PASTERNACK-PE-W19TW1002 Datasheet
413Kb / 3P
WR-19 45 Degree Left-hand Waveguide Twist With a UG-383/U-Mod Flange Operating From 40 GHz to 60 GHz
PE-W22TW1002 PASTERNACK-PE-W22TW1002 Datasheet
413Kb / 3P
WR-22 45 Degree Left-hand Waveguide Twist With a UG-383/U Flange Operating From 33 GHz to 50 GHz
PE-W28TW1002 PASTERNACK-PE-W28TW1002 Datasheet
390Kb / 3P
WR-28 45 Degree Left-hand Waveguide Twist With a UG-599/U Flange Operating From 26.5 GHz to 40 GHz
PE-W42TW1002 PASTERNACK-PE-W42TW1002 Datasheet
391Kb / 3P
WR-42 45 Degree Left-hand Waveguide Twist With a UG-595/U Flange Operating From 18 GHz to 26.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com