Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWD-0640H-06-BB Datasheet (PDF) - Eravant

SWD-0640H-06-BB Datasheet PDF - Eravant
Part # SWD-0640H-06-BB
Download  SWD-0640H-06-BB Download
File Size   269.46 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description D-Band Waveguide Bi-Directional Coupler, 6 dB

SWD-0640H-06-BB Datasheet (PDF)

Go To PDF Page Download Datasheet
SWD-0640H-06-BB Datasheet PDF - Eravant

Part # SWD-0640H-06-BB
Download  SWD-0640H-06-BB Click to download

File Size   269.46 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description D-Band Waveguide Bi-Directional Coupler, 6 dB

SWD-0640H-06-BB Datasheet (HTML) - Eravant


SWD-0640H-06-BB Product details

FEATURES
Full Band Coverage
Low Insertion Loss
High Directivity
APPLICATIONS
Test Labs
Instrumentation
Sub-assemblies




Similar Part No. - SWD-0640H-06-BB

ManufacturerPart #DatasheetDescription
logo
Eravant
SWD-0640H-10-BB ERAVANT-SWD-0640H-10-BB Datasheet
354Kb / 3P
W-Band Waveguide Bi-Directional Coupler, 6 dB
Rev. 1.2
SWD-0640H-10-SB ERAVANT-SWD-0640H-10-SB Datasheet
289Kb / 3P
W-Band Waveguide Directional Coupler, 6 dB
Rev. 1.1
SWD-0640H-10-SB-MT ERAVANT-SWD-0640H-10-SB-MT Datasheet
362Kb / 3P
W-Band Waveguide Directional Coupler, 6 dB, Legacy Design
Rev. 1.0
SWD-0640H-12-BB ERAVANT-SWD-0640H-12-BB Datasheet
246Kb / 3P
E-Band Waveguide Bi-Directional Coupler, 6 dB
Rev. 1.2
SWD-0640H-12-SB ERAVANT-SWD-0640H-12-SB Datasheet
310Kb / 3P
E-Band Waveguide Directional Coupler, 6 dB
Rev. 1.3
More results


Similar Description - SWD-0640H-06-BB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX30-20-462HP+ MINI-ZX30-20-462HP+ Datasheet
214Kb / 1P
20 dB Bi-Directional Coupler
logo
API Technologies Corp
C756-7 APITECH-C756-7 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C755-7 APITECH-C755-7 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C754-6 APITECH-C754-6 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C753E-10 APITECH-C753E-10 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C753-30 APITECH-C753-30 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C753-20 APITECH-C753-20 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C753-10 APITECH-C753-10 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
logo
M/A-COM Technology Solu...
CH-132 MA-COM-CH-132 Datasheet
63Kb / 2P
20 dB, Bi-Directional Coupler
logo
Mini-Circuits
ZX30-20-462HP MINI-ZX30-20-462HP Datasheet
279Kb / 2P
20 dB Bi-Directional Coupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com