Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSTRGBFC6 Datasheet (PDF) - OPTEK Technologies

OVSTRGBFC6 Datasheet PDF - OPTEK Technologies
Part # OVSTRGBFC6
Download  OVSTRGBFC6 Download
File Size   1768.83 Kbytes
Page   9 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)

OVSTRGBFC6 Datasheet (PDF)

Go To PDF Page Download Datasheet
OVSTRGBFC6 Datasheet PDF - OPTEK Technologies

Part # OVSTRGBFC6
Download  OVSTRGBFC6 Click to download

File Size   1768.83 Kbytes
Page   9 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)

OVSTRGBFC6 Datasheet (HTML) - OPTEK Technologies




Similar Part No. - OVSTRGBFC6

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVSTRGBFC6 TTELEC-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
More results


Similar Description - OVSTRGBFC6

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSTRGBLC6 OPTEK-OVSTRGBLC6 Datasheet
1Mb / 7P
Full-Color Top-View Chip LED (3.5 x 3.0 x 1.55 lens type)
logo
OptoSupply Internationa...
OSXX3014C1A OPTOSUPPLY-OSXX3014C1A Datasheet
504Kb / 9P
3.0 x 1.4 x 0.8mm SMD
logo
Kingbright Corporation
APGF0808VGTPBTSEETC KINGBRIGHT-APGF0808VGTPBTSEETC Datasheet
328Kb / 4P
0.8 x 0.8 x 0.2 mm Full-Color Surface Mount LED
logo
TT Electronics.
OVSTRGBFC6 TTELEC-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
OVSTRGBLC6 TTELEC-OVSTRGBLC6 Datasheet
779Kb / 7P
Full-Color Top-View Chip LED (3.5 x 3.0 x 1.55 lens type)
logo
HK TO-GRACE TECHNOLOGY ...
APGF0606VGTPBTSEETC TO-GRACE-APGF0606VGTPBTSEETC Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
SunLED Corporation
XZFBBM2ACRDG92W-3 SUNLED-XZFBBM2ACRDG92W-3 Datasheet
285Kb / 4P
3.5 x 3.5 mm Surface Mount SMD Chip LED
Feb 04,2021
XZM2CRKCYKFBB92W-3 SUNLED-XZM2CRKCYKFBB92W-3 Datasheet
295Kb / 4P
3.5 x 3.5 mm Surface Mount SMD Chip LED
Dec 15,2021
XZFBBM2ACRTHI92W-3 SUNLED-XZFBBM2ACRTHI92W-3 Datasheet
339Kb / 4P
3.5 x 3.5 mm Surface Mount SMD Chip LED
Aug 29,2022
logo
EHAOAN.
EH-T680DS5 EHAOAN-EH-T680DS5 Datasheet
1Mb / 7P
Dimension( L/W/H) : 3.5 x 2.8 x 1.4 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com