Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2 Datasheet (PDF) - Willow Technologies Ltd

RF2 Datasheet PDF - Willow Technologies Ltd
Part # RF2
Download  RF2 Download
File Size   868.15 Kbytes
Page   2 Pages
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd
Description Series, High Frequency Power Resistors Thick film,Non-Inductive

RF2 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2 Datasheet PDF - Willow Technologies Ltd

Part # RF2
Download  RF2 Click to download

File Size   868.15 Kbytes
Page   2 Pages
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd
Description Series, High Frequency Power Resistors Thick film,Non-Inductive

RF2 Datasheet (HTML) - Willow Technologies Ltd


RF2 Product details

Willow offers the RF series to meet general set of requirements NON-INDUCTIVE high frequency, satisfy with an high power and Non-inductive specifcation at Economic Price.

Series RF Precision Power Resistor, Non-Inductive
    High Frequency
    Non Inductive Performence
    Full power and various ohmic ratings

* Resistance tolerances offered from 1.0% to 10%
* Load Life Stability of 0.5% per 1000hours.
* Various Models of Resistance Value up to Megohms available.
* Build up High Power RF Termination System :10kW,50kW,300kW System in oil or water forced, required tank & chiller System.




Similar Part No. - RF2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RF2 BOURNS-RF2 Datasheet
352Kb / 3P
Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
logo
Adam Technologies, Inc.
RF2-01-T-07-50-G ADAM-TECH-RF2-01-T-07-50-G Datasheet
68Kb / 1P
SMA MALE FOR SEMR-RIGID RG
RF2-02-D-02-50 ADAM-TECH-RF2-02-D-02-50 Datasheet
967Kb / 1P
SMA MALE SEMI RIGID
RF2-02-T-02-50-G ADAM-TECH-RF2-02-T-02-50-G Datasheet
116Kb / 1P
SMA STRAIGHT CRIMP 50 OHM
RF2-02-T-21-50-G ADAM-TECH-RF2-02-T-21-50-G Datasheet
66Kb / 1P
SMA MALE CRIMP TYPE
More results


Similar Description - RF2

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
3R-100 WILLOW-3R-100 Datasheet
812Kb / 2P
100Watt Mountable Non-Inductive,High Frequency Resistors
UR1.7 WILLOW-UR1.7 Datasheet
2Mb / 2P
Cylindrical Ultra High Ohmic Resistors,Thick film,Non-Inductive
logo
Ohmite Mfg. Co.
TFSA100RFE OHMITE-TFSA100RFE Datasheet
106Kb / 1P
Surge Capable Thick Film Non Inductive
logo
List of Unclassifed Man...
FCR10 ETC2-FCR10 Datasheet
778Kb / 2P
Thick Film Power Resistors
FPA1002R2J ETC2-FPA1002R2J Datasheet
362Kb / 2P
Thick Film Power Resistors
HPF250 ETC2-HPF250 Datasheet
715Kb / 1P
Non-inducrive High power thick film resistors
logo
Ohmite Mfg. Co.
ARC3 OHMITE-ARC3 Datasheet
165Kb / 2P
Non Inductive, Thick Film
ACL-ARC3 OHMITE-ACL-ARC3 Datasheet
165Kb / 2P
Non Inductive, Thick Film
logo
Token Electronics Indus...
RFM TOKEN-RFM Datasheet
439Kb / 5P
Non-Inductive High Frequency Melf Resistors
logo
TE Connectivity Ltd
1773308 TEC-1773308 Datasheet
563Kb / 2P
Thick Film Power Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com