Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM69A Datasheet (PDF) - Texas Instruments

AM69A Datasheet PDF - Texas Instruments
Part # AM69A
Download  AM69A Download
File Size   6592.31 Kbytes
Page   312 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AM69x Processors, Silicon Revision 1.0

AM69A Datasheet (PDF)

Go To PDF Page Download Datasheet
AM69A Datasheet PDF - Texas Instruments

Part # AM69A
Download  AM69A Click to download

File Size   6592.31 Kbytes
Page   312 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AM69x Processors, Silicon Revision 1.0

AM69A Datasheet (HTML) - Texas Instruments


AM69A Product details

1 Features
Processor cores:
• Up to eight 64-bit Arm® Cortex®-A72
microprocessor subsystem at up to 2GHz
– 2MB shared L2 cache per quad-core Cortex®-
A72 cluster
– 32KB L1 D-Cache and 48KB L1 I-Cache per
Cortex®-A72 core
• Up to Four Deep Learning Accelerators:
– Each with up to 8 Trillion Operations Per
Second (TOPS)
– Total of 32 Trillion Operations Per Second
(32TOPS)
• Dual-core Arm® Cortex®-R5F MCUs at up to
1.0GHz in General Compute partition with FFI
– 16KB L1 D-Cache, 16KB L1 I-Cache, and 64KB
L2 TCM
• Dual-core Arm® Cortex®-R5F MCUs at up to
1.0GHz to support Device Management
– 32K L1 D-Cache, 32K I-Cache, and 64K L2
TCM with SECDED ECC on all memories
• Up to two Vision Processing Accelerators (VPAC)
with Image Signal Processor (ISP) and multiple
vision assist accelerators
– 480MPixel/s ISP
– Support for up to 16-bit input RAW format
– Wide Dynamic Range (WDR), Lens Distortion
Correction (LDC), Vision Imaging Subsystem
(VISS), and Multi-Scalar (MSC) support
– Output color format : 8-bits, 12-bits, and YUV
4:2:2, YUV 4:2:0, RGB, HSV/HSL
• Multimedia:
– Display subsystem supports:
• Up to 4 displays
• Up to two DSI 4L TX (up to 2.5K)
• One eDP 4L
• One DPI 24-bit RGB parallel interface
• Safety features such as freeze frame
detection and MISR data check
– 3D Graphics Processing Unit
• IMG BXS-4-64, up to 800MHz
• 50GFLOPS, 4GTexels/s
• Support for APIs OpenGL ES 3.1, Vulkan
1.2
– Three CSI2.0 4L Camera Serial interface RX
(CSI-RX) plus two CSI2.0 4L TX (CSI-TX) with
DPHY
• MIPI CSI 1.3 Compliant + MIPI-DPHY 1.2
• Support for 1,2,3, or 4 data lane mode up to
2.5Gbps
• ECC verification/correction with CRC check
+ ECC on RAM
• Virtual Channel support (up to 16)
• Ability to write stream data directly to DDR
via DMA
– Two Video Encoder/Decoder Modules
• Support for HEVC (H.265) Main profiles at
Level 5.1 High-tier
• Support for H.264 BaseLine/Main/High
Profiles at Level 5.2
• Support for up to 4K UHD resolution (3840 ×
2160) per module
• Each module supports 4K60 H.264/H.265
Encode/Decode (up to 480MP/s)
Memory subsystem:
• Up to 8MB of on-chip L3 RAM with ECC and
coherency
– ECC error protection
– Shared coherent cache
– Supports internal DMA engine
• Up to Four External Memory Interface (EMIF)
module with ECC
– Supports LPDDR4 memory types
– Supports speeds up to 4266MT/s
– Up to 4x32-b bus with inline ECC up to 68GB/s
• General-Purpose Memory Controller (GPMC)
• 512KB on-chip SRAM in MAIN domain, protected
by ECC
• AEC-Q100 qualified on part number variants
ending in Q1
Device security:
• Secure boot with secure run-time support
• Customer programmable root key, up to RSA-4K
or ECC-512
• Embedded hardware security module
• Crypto hardware accelerators – PKA with ECC,
AES, SHA, RNG, DES and 3DES
High speed serial interfaces:
• Integrated Ethernet switch supporting up to 8
external ports
– Two ports support 5Gb, 10Gb USXGMII or 5Gb
XFI
– All ports support 1Gb, 2.5Gb SGMII
– All ports can support QSGMII. A maximum of 2
QSGMII can be enabled and uses all 8 internal
lanes. 1 QSGMII interfaces uses 4 internal
lanes.
• Up to 4x2-L/2x4L PCI-Express® (PCIe) Gen3
controllers
– Gen1 (2.5GT/s), Gen2 (5.0GT/s), and Gen3
(8.0GT/s) operation with auto-negotiation
• One USB 3.0 dual-role device (DRD) subsystem
– Enhanced SuperSpeed Gen1 Port
– Supports Type-C switching
– Independently configurable as USB host, USB
peripheral, or USB DRD
Ethernet
• Two RGMII/RMII interfaces
Automotive interfaces:
• Twenty Modular Controller Area Network (MCAN)
modules with full CAN-FD support
Audio interfaces:
• Five Multichannel Audio Serial Port (MCASP)
modules
Flash memory interfaces:
• Embedded MultiMediaCard Interface ( eMMC™
5.1)
• One Secure Digital® 3.0 / Secure Digital Input
Output 3.0 interfaces (SD3.0/SDIO3.0
• Universal Flash Storage (UFS 2.1) interface with
two lanes
• Two independent flash interfaces configured as
– One OSPI or HyperBus™ or QSPI flash
interfaces, and
– One QSPI flash interface
System-on-Chip (SoC) architecture:
• 16-nm FinFET technology
• 31mm × 31mm, 0.8-mm pitch, 1414-pin FCBGA
(ALY), enables IPC class 3 PCB routing
• 27mm × 27mm, 0.8-mm pitch, 1063-pin FCBGA
(AND), enables IPC class 3 PCB routing
TPS6594-Q1 Companion Power Management ICs
(PMIC):
• Functional Safety support up to ASIL-D
• Flexible mapping to support different use cases

2 Applications
• Industrial:
• Machine Vision Camera and computers
• Smart shopping cart
• Retail automation
• Smart agriculture
• Video surveillance
• Traffic monitoring
• Autonomous Mobile Robots (AMR)
• Drone
• Industrial transport
• Industrial Human Machine Interfaces (HMI)
• Industrial PC
• Single board computers
• Patient monitoring and medical devices

3 Description
The AM69, AM69A scalable processor family is based on the evolutionary Jacinto™ 7 architecture, targeted
at Smart Vision Camera applications and built on extensive market knowledge accumulated over a decade
of TI’s leadership in the Vision processor market. The AM69x family is built for a broad set of cost-sensitive
high-performance compute applications in Factory Automation, Building Automation, and other markets.
The AM69, AM69A provides high performance compute technology for both traditional and deep learning
algorithms at industry leading power/performance ratios with a high level of system integration to enable
scalability and lower costs for advanced vision camera applications. Key cores include the latest Arm and GPU
processors for general compute, next generation DSP with scalar and vector cores, dedicated deep learning
and traditional algorithm accelerators, an integrated next generation imaging subsystem (ISP), video codec, and
isolated MCU island. All protected by industrial-grade safety and security hardware accelerators.
General Compute Cores and Integration Overview: Two quad-core cluster configurations (8 cores total)
of Arm® Cortex®-A72 facilitate multi-OS applications with minimal need for a software hypervisor. Up to two
Dual-core (4 cores total) Arm® Cortex®-R5F subsystems enable low-level, timing critical processing tasks to
leave the Arm® Cortex®-A72 core’s unencumbered for applications. Building on the existing world-class ISP,
TI’s 7th generation ISP includes flexibility to process a broader sensor suite, support for higher bit depth, and
features targeting analytics applications. Integrated diagnostics and safety features support operations up to
SIL-2 levels while the integrated security features protect data against modern day attacks. CSI2.0 ports enable
multi sensor inputs.
Key Performance Cores Overview: The C7000™ DSP next generation core (“C7x”) combines TI’s industry
leading DSP and EVE cores into a single higher performance core and adds floating-point vector calculation
capabilities, enabling backward compatibility for legacy code while simplifying software programming. Four
“MMAv2” deep learning accelerators enable performance up to 32 Trillion Operations Per Second (TOPS)
[8TOPS per core] within the lowest power envelope in the industry, even when operating even at the worst
case junction temperatures of 105°C and 125°C. The dedicated Vision hardware accelerators provide vision
pre-processing with no impact on system performance. The C7x/MMA cores are available only for deep-learning
function in the AM69, AM69A class of processors.




Similar Part No. - AM69A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM69A TI-AM69A Datasheet
5Mb / 299P
AM69Ax Processors, Silicon Revision 1.0
Revision 1.0 FEBRUARY 2023
AM69A TI1-AM69A Datasheet
5Mb / 300P
AM69x Processors, Silicon Revision 1.0
REVISED AUGUST 2023
AM69A TI1-AM69A Datasheet
6Mb / 326P
AM69x Processors, Silicon Revision 1.0
DECEMBER 2024
AM69A34AHMGHAALYR TI-AM69A34AHMGHAALYR Datasheet
5Mb / 299P
AM69Ax Processors, Silicon Revision 1.0
Revision 1.0 FEBRUARY 2023
AM69A34AHMGHAALYR TI1-AM69A34AHMGHAALYR Datasheet
5Mb / 300P
AM69x Processors, Silicon Revision 1.0
REVISED AUGUST 2023
More results


Similar Description - AM69A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5748 TI1-AM5748 Datasheet
4Mb / 448P
Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749 Datasheet
4Mb / 448P
Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749_19 Datasheet
5Mb / 452P
Sitara Processors Silicon Revision 1.0
DRA829V TI1-DRA829V Datasheet
3Mb / 309P
DRA829V Jacinto??Automotive Processors Silicon Revision 1.0
AM6548 TI1-AM6548_V01 Datasheet
3Mb / 277P
Processors Silicon Revision 1.0
TDA4VE-Q1 TI-TDA4VE-Q1 Datasheet
4Mb / 251P
TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
DECEMBER 2022
AM68A TI-AM68A Datasheet
4Mb / 251P
AM68Ax Processors, Silicon Revision 1.0
FEBRUARY 2023
AM69A TI-AM69A Datasheet
5Mb / 299P
AM69Ax Processors, Silicon Revision 1.0
Revision 1.0 FEBRUARY 2023
AM69A TI1-AM69A_V01 Datasheet
5Mb / 300P
AM69x Processors, Silicon Revision 1.0
REVISED AUGUST 2023
AM68A TI1-AM68A_V01 Datasheet
4Mb / 253P
AM68x Processors, Silicon Revision 1.0
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com