Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC137 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
CD74HC137 Datasheet PDF - Texas Instruments
Part # CD74HC137
Download  CD74HC137 Download
File Size   1191.04 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches

CD74HC137 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC137 Datasheet PDF - Texas Instruments

Part # CD74HC137
Download  CD74HC137 Click to download

File Size   1191.04 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches

CD74HC137 Datasheet (HTML) - Texas Instruments


CD74HC137 Product details

Features
• Select One of Eight Data Outputs
- Active Low for CD74HC137 and CD74HCT137
- Active High for ’HC237 and CD74HCT237
• l/O Port or Memory Selector
• Two Enable Inputs to Simplify Cascading
• Typical Propagation Delay of 13ns at VCC = 5V,
15pF, TA = 25oC (CD74HC237)
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%, of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH




Similar Part No. - CD74HC137

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC137 TI-CD74HC137 Datasheet
65Kb / 10P
High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137 Datasheet
381Kb / 16P
High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137 Datasheet
528Kb / 19P
High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137 Datasheet
668Kb / 20P
High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137 Datasheet
65Kb / 9P
High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
More results


Similar Description - CD74HC137

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC137 TI-CD74HC137 Datasheet
65Kb / 10P
High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
Texas Instruments
CD54HC237 TI-CD54HC237 Datasheet
381Kb / 16P
High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137_07 Datasheet
528Kb / 19P
High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137_08 Datasheet
668Kb / 20P
High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137_02 Datasheet
65Kb / 9P
High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Texas Instruments
CD74HC137 TI1-CD74HC137_15 Datasheet
1,001Kb / 21P
High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com