Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM4040 Datasheet PDF - Texas Instruments
Part # LM4040
Download  LM4040 Download
File Size   1809.17 Kbytes
Page   58 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM4040 Precision Micropower Shunt Voltage Reference

LM4040 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4040 Datasheet PDF - Texas Instruments

Part # LM4040
Download  LM4040 Click to download

File Size   1809.17 Kbytes
Page   58 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM4040 Precision Micropower Shunt Voltage Reference

LM4040 Datasheet (HTML) - Texas Instruments


LM4040 Product details

1 Features
• Fixed output voltages of 2.048V, 2.5V, 3V, 4.096V,
5V, 8.192V, and 10V
• Tight output tolerances and low temperature
coefficient
– Maximum 0.1%, 100ppm/°C – A Grade
– Maximum 0.2%, 100ppm/°C – B Grade
– Maximum 0.5%, 100ppm/°C – C Grade
– Maximum 1.0%, 150ppm/°C – D Grade
• Low output noise: 35μVRMS typical
• Wide operating current range: 45μA typical to
15mA
• Stable with all capacitive loads; no output
capacitor required
• Available in extended temperature range: –40°C to
125°C

2 Applications
• Data-Acquisition Systems
• Energy Infrastructure
• Analog Input Module
• Field Transmitters
• Precision Audio
• Automotive Electronics

3 Description
The LM4040 series of shunt voltage references are
versatile, easy-to-use references that cater to a vast
array of applications. The 2-pin fixed-output device
requires no external capacitors for operation and
is stable with all capacitive loads. Additionally, the
reference offers low dynamic impedance, low noise,
and low temperature coefficient to maintain a stable
output voltage over a wide range of operating currents
and temperatures. The LM4040 uses fuse and Zenerzap
reverse breakdown voltage trim during wafer sort
to offer four output voltage tolerances, ranging from
0.1% (maximum) for the A grade to 1% (maximum) for
the D grade. Thus, a great deal of flexibility is offered
to designers in choosing the best cost-to-performance
ratio for their applications.
Packaged in space-saving SC-70 and SOT-23-3
packages and requiring a minimum current of 45μA
(typical), the LM4040 also is ideal for portable
applications. The LM4040xI is characterized for
operation over an ambient temperature range of –
40°C to 85°C. The LM4040xQ is characterized for
operation over an ambient temperature range of –
40°C to 125°C.




Similar Part No. - LM4040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4040 NSC-LM4040 Datasheet
365Kb / 30P
Precision Micropower Shunt Voltage Reference
logo
Micrel Semiconductor
LM4040 MICREL-LM4040 Datasheet
106Kb / 16P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040 Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040 Datasheet
110Kb / 6P
Precision micropower shunt voltage references
logo
Vishay Siliconix
LM4040 VISHAY-LM4040 Datasheet
574Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Similar Description - LM4040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com