Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4041 Datasheet (PDF) - Texas Instruments

LM4041 Datasheet PDF - Texas Instruments
Part # LM4041
Download  LM4041 Download
File Size   1458.47 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM4041 Precision Micropower Shunt Voltage Reference

LM4041 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4041 Datasheet PDF - Texas Instruments

Part # LM4041
Download  LM4041 Click to download

File Size   1458.47 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM4041 Precision Micropower Shunt Voltage Reference

LM4041 Datasheet (HTML) - Texas Instruments


LM4041 Product details

1 Features
• 1.225V Fixed and adjustable outputs
(1.225V to 10V)
• Tight output tolerances and low temperature
coefficient
– Maximum 0.1%, 100ppm/°C – A grade
– Maximum 0.2%, 100ppm/°C – B grade
– Maximum 0.5%, 100ppm/°C – C grade
– Maximum 1.0%, 150ppm/°C – D grade
• Low output noise . . . 20μVRMS (typical)
• Wide operating current range . . .
45μA (typical) to 12mA
• Stable with all capacitive loads; no output
capacitor required
• Available in
– Industrial temperature: –40°C to 85°C
– Extended temperature: –40°C to 125°C

2 Applications
• Data-Acquisition Systems
• Power Supplies and Power-Supply Monitors
• Instrumentation and Test Equipment
• Process Control
• Precision Audio
• Automotive Electronics
• Energy Management/Metering
• Battery-Powered Equipment

3 Description
The LM4041 series of shunt voltage references are
versatile, easy-to-use references designed for a wide
array of applications. These parts do not require
external capacitors for operation and are stable
with all capacitive loads. Additionally, the reference
offers low dynamic impedance, low noise, and a low
temperature coefficient to maintain a stable output
voltage over a wide range of operating currents and
temperatures. The LM4041 uses fuse and Zener-zap
reverse breakdown voltage trim during wafer sort
to offer four output voltage tolerances, ranging from
0.1% (maximum) for the A grade to 1% (maximum) for
the D grade. Thus, a great deal of flexibility is offered
to designers in choosing the best cost-to-performance
ratio for applications. The LM4041 is available in
a fixed (1.225V nominal) or an adjustable version
(which requires an external resistor divider to set the
output to a value between 1.225V and 10V).
Packaged in space-saving SC-70 and SOT-23-3 and
requiring a minimum current of 45μA (typical), the
LM4041 also designed for portable applications. The
TO-92 package also is available for through-hole
packaging needs. The LM4041xI is characterized for
operation over an ambient temperature range of –
40°C to 85°C. The LM4041xQ is characterized for
operation over an ambient temperature range of –
40°C to 125°C.




Similar Part No. - LM4041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4041 NSC-LM4041 Datasheet
277Kb / 19P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041 TI-LM4041 Datasheet
501Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Zetex Semiconductors
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
1.225V Precision micropower shunt voltage reference
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
664Kb / 28P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Similar Description - LM4041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041-N TI1-LM4041-N Datasheet
806Kb / 21P
LM4041 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI-LM4041-N-Q1_15 Datasheet
1Mb / 35P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com