Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA237 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA237 Datasheet PDF - Texas Instruments
Part # OPA237
Download  OPA237 Download
File Size   1593.7 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series

OPA237 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA237 Datasheet PDF - Texas Instruments

Part # OPA237
Download  OPA237 Click to download

File Size   1593.7 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series

OPA237 Datasheet (HTML) - Texas Instruments


OPA237 Product details

FEATURES
MICRO-SIZE, MINIATURE PACKAGES:
− Single: SOT23-5, SO-8
− Dual: MSOP-8, SO-8
− Quad: SSOP-16 (Obsolete)
LOW OFFSET VOLTAGE: 750μV max
WIDE SUPPLY RANGE:
− Single Supply: +2.7V to +36V
− Dual Supply: 1.35V to 18V
LOW QUIESCENT CURRENT: 350μV max
WIDE BANDWIDTH: 1.5MHz

APPLICATIONS
BATTERY-POWERED INSTRUMENTS
PORTABLE DEVICES
PCMCIA CARDS
MEDICAL INSTRUMENTS
TEST EQUIPMENT

DESCRIPTION
The OPA237 op amp family is one of Texas Instruments’
MicroAmplifier series of miniature products. In addition
to small size, these devices feature low offset voltage, low
quiescent current, low bias current, and a wide supply
range. Single, dual, and quad versions have identical
specifications for maximum design flexibility. They are
ideal for single-supply, battery-operated, and
space-limited applications, such as PCMCIA cards and
other portable instruments.
OPA237 series op amps can operate from either single or
dual supplies. When operated from a single supply, the
input common-mode range extends below ground and the
output can swing to within 10mV of ground. Dual and quad
designs feature completely independent circuitry for
lowest crosstalk and freedom from interaction.
Single, dual, and quad are offered in space-saving
surface-mount packages. The single version is available
in the ultra-miniature 5-lead SOT23-5 and SO-8
surface-mount. The dual version comes in a miniature
MSOP-8 and SO-8 surface-mount. The quad version is
obsolete. MSOP-8 has the same lead count as a SO-8 but
half the size. The SOT23-5 is even smaller at one-fourth
the size of an SO-8. All are specified for −40°C to +85°C
operation. A macromodel is available for design analysis.




Similar Part No. - OPA237

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237 Datasheet
217Kb / 10P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA237 TI-OPA237 Datasheet
176Kb / 12P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237 Datasheet
1Mb / 19P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Similar Description - OPA237

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237 Datasheet
217Kb / 10P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA237 TI-OPA237 Datasheet
176Kb / 12P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com