Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA244 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA244 Datasheet PDF - Texas Instruments
Part # OPA244
Download  OPA244 Download
File Size   1090.98 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series

OPA244 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA244 Datasheet PDF - Texas Instruments

Part # OPA244
Download  OPA244 Click to download

File Size   1090.98 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series

OPA244 Datasheet (HTML) - Texas Instruments


OPA244 Product details

FEATURES
MicroSIZE PACKAGES
OPA244 (Single): SOT-23-5
OPA2244 (Dual): MSOP-8
OPA4244 (Quad): TSSOP-14
MicroPOWER: IQ = 50mA/channel
SINGLE SUPPLY OPERATION
WIDE BANDWIDTH: 430kHz
WIDE SUPPLY RANGE:
Single Supply: 2.2V to 36V
Dual Supply: ±1.1V to ±18V

APPLICATIONS
BATTERY POWERED SYSTEMS
PORTABLE EQUIPMENT
PCMCIA CARDS
BATTERY PACKS AND POWER SUPPLIES
CONSUMER PRODUCTS

DESCRIPTION
The OPA244 (single), OPA2244 (dual), and OPA4244 (quad)
op amps are designed for very low quiescent current
(50mA/channel), yet achieve excellent bandwidth. Ideal for
battery powered and portable instrumentation, all versions are
offered in micro packages for space-limited applications.
The dual and quad versions feature completely independent
circuitry for lowest crosstalk and freedom from interaction, even
when overdriven or overloaded.
The OPA244 series is easy to use and free from phase
inversion and overload problems found in some other op amps.
These amplifiers are stable in unity gain and excellent performance
is maintained as they swing to their specified limits.
They can be operated from single (+2.2V to +36V) or dual
supplies (±1.1V to ±18V). The input common-mode voltage
range includes ground—ideal for many single supply applications.
All versions have similar performance. However, there
are some differences, such as common-mode rejection. All
versions are interchangeable in most applications.
All versions are offered in miniature, surface-mount packages.
OPA244 (single version) comes in the tiny 5-lead SOT-23-5
surface mount, SO-8 surface mount, and 8-pin DIP. OPA2244
(dual version) is available in the MSOP-8 surface mount,
SO-8 surface-mount, and 8-pin DIP. The OPA4244 (quad)
comes in the TSSOP-14 surface mount. They are fully specified
from –40°C to +85°C and operate from –55°C to +125°C.
A SPICE Macromodel is available for design analysis.




Similar Part No. - OPA244

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA244 NSC-OPA244 Datasheet
1Mb / 26P
MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA244 TI2-OPA244 Datasheet
1Mb / 30P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series
23-May-2025
logo
Burr-Brown (TI)
OPA244NA BURR-BROWN-OPA244NA Datasheet
224Kb / 11P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Similar Description - OPA244

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237 Datasheet
217Kb / 10P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA237 TI-OPA237 Datasheet
176Kb / 12P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com