Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA555 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SA555 Datasheet PDF - Texas Instruments
Part # SA555
Download  SA555 Download
File Size   1761.48 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description xx555 Precision Timers

SA555 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA555 Datasheet PDF - Texas Instruments

Part # SA555
Download  SA555 Click to download

File Size   1761.48 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description xx555 Precision Timers

SA555 Datasheet (HTML) - Texas Instruments


SA555 Product details

1 Features
1• Timing From Microseconds to Hours
• Astable or Monostable Operation
• Adjustable Duty Cycle
• TTL-Compatible Output Can Sink or Source
Up to 200 mA
• On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing Does Not Necessarily Include
Testing of All Parameters.

2 Applications
• Fingerprint Biometrics
•Iris Biometrics
• RFID Reader

3 Description
These devices are precision timing circuits capable of
producing accurate time delays or oscillation. In the time-delay or mono-stable mode of operation, the
timed interval is controlled by a single external
resistor and capacitor network. In the a-stable mode
of operation, the frequency and duty cycle can be
controlled independently with two external resistors and a single external capacitor.
The threshold and trigger levels normally are Processing
thirds and one-third, respectively, of VCC. These
levels can be altered by use of the control-voltage
terminal. When the trigger input falls below the trigger
level, the flip-flop is set, and the output goes high. If the trigger input is above the trigger level and the
threshold input is above the threshold level, the flip•
flop is reset and the output is low. The reset (RESET)
input can override all other inputs and can be used to initiate a new timing cycle. When RESET goes low,
the flip-flop is reset, and the output goes low. When
the output is low, a low-impedance path is provided
between discharge (DISCH) and ground.
The output circuit is capable of sinking or sourcing
current up to 200 mA. Operation is specified for
supplies of 5 V to 15 V. With a 5-V supply, output
levels are compatible with TTL inputs.




Similar Part No. - SA555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA555 PHILIPS-SA555 Datasheet
120Kb / 7P
Timer
August 31, 1994
logo
Fairchild Semiconductor
SA555 FAIRCHILD-SA555 Datasheet
150Kb / 14P
Single Timer
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
SA555 TI-SA555 Datasheet
405Kb / 24P
PRECISION TIMERS
logo
STMicroelectronics
SA555 STMICROELECTRONICS-SA555 Datasheet
494Kb / 20P
General purpose single bipolar timers
15-Mar-2007
More results


Similar Description - SA555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
Precision Timers
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
Precision Timers
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
PRECISION TIMERS
NA555 TI-NA555_08 Datasheet
625Kb / 27P
PRECISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
Precision Timers
NA555 TI1-NA555_16 Datasheet
1Mb / 36P
xx555 Precision Timers
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com